Electronic Components Datasheet Search
  English  ▼

X  

MH89792 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MH89792
Description  E1 Transceiver Preliminary Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89792 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MH89792 Datasheet HTML 1Page - Mitel Networks Corporation MH89792 Datasheet HTML 2Page - Mitel Networks Corporation MH89792 Datasheet HTML 3Page - Mitel Networks Corporation MH89792 Datasheet HTML 4Page - Mitel Networks Corporation MH89792 Datasheet HTML 5Page - Mitel Networks Corporation MH89792 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-227
Preliminary Information
MH89792
Figure 3c - Application Circuit
Figure 4 - Mechanical Data
PLL
FRAMER
ISOLATION BARRIER
MH89792
LINE
CONNECTORS
NETWORK
SIDE
1
20
SYSTEM
SIDE
NOTES:
X = Pin not fitted
Separation across barrier > 2mm recommended
.
2.0 + 0.040
(50.8 + 1.0)
0.56 Max
(14.2 Max)
0.27 Max
(6.9 Max)
0.010 + 0.002
(0.25 + 0.05)
0.1 Max
(2.5 Max)
Side View
*
0.05 + 0.01
(1.3 + 0.5)
*
*
*
0.05 + 0.02
(1.225 + 0.05)
0.020 + 0.005
(0.51 + 0.13)
0.100 + 0.010
(2.54 + 0.26)
0.18 + 0.02
(4.6 + 0.5)
1
Notes
1) Not to scale
2) Dimensions in inches
3) (Dimensions in millimeters)
* Dimensions to pin center &
tolerance non accumulative.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com