Electronic Components Datasheet Search
  English  ▼

X  

SM5841HS Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM5841HS
Description  Audio Multi-function Digital Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5841HS Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM5841HS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SM5841H
NIPPON PRECISION CIRCUITS—12
System Clock (CKI, CKO, CKSL)
Two system clock frequencies, 384fs and 256fs, can
be used. The clock is input on CKI. The CKI input
inverter has a feedback resistor to allow AC-coupled
input clocks. The system clock is also buffered and
then output on CKO. The system clock frequency
selection and the internal clock frequency are shown
in the following table.
Noise Shaper and I/O Data Length (WSL1, WSL2)
The SM5841H has functions that can be used to sup-
press the level of requantization noise due to the
inherent arithmetic rounding-off that occurs in digi-
tal signal processing.
s
16/18-bit input
The input interface accepts 16 and 18-bit input
source data. That means that if 16-bit source data
is digitally processed, for example in a sound field
control or other DSP, the output can be input to the
SM5841H without the same need for rounding-
off, thereby avoiding the requantization noise that
would otherwise occur.
s
16/18/20-bit output
The output interface can support 18 and 20-bit
output data, making connection to 18 or 20-bit
D/A converters possible. As a result, the requanti-
zation noise generated after digital processing can
be greatly reduced.
s
Noise shaper function
The 1st-order noise shaper processing occurs on
the digital filter output. It reduces the requantiza-
tion noise for 16 and 18-bit input signals to levels
inherent in 18 and 20-bit output modes, respec-
tively. The noise shaper does no processing on 20-
bit output data.
There are 4 input data and output data length combi-
nations possible, selected by the state of WSL1 and
WSL2 as shown in the following table.
Parameter
CKSL
HIGH
LOW
CKI input system clock frequency (fSYS)
384fs
256fs
CKO clock frequency
384fs
256fs
Internal clock frequency
128fs
128fs
Serial output clock frequency
192fs
256fs
Figure 2. Clock generator circuit
CKSL
CKI
CKO
1 / 3
Internal system clock
(128fs)
to timing controller
1 / 2
to timing controller
CKSL = H
CKSL = L
WSL1
WSL2
Noise
shaper
Input bit
length
Output bit
length
HIGH
HIGH
Off
18 bits
20 bits
HIGH
LOW
On
18 bits
18 bits
LOW
HIGH
On
16 bits
18 bits
LOW
LOW
On
16 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com