Electronic Components Datasheet Search
  English  ▼

X  

SM5841HS Datasheet(PDF) 15 Page - Nippon Precision Circuits Inc

Part # SM5841HS
Description  Audio Multi-function Digital Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5841HS Datasheet(HTML) 15 Page - Nippon Precision Circuits Inc

Back Button SM5841HS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 19Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SM5841H
NIPPON PRECISION CIRCUITS—15
System Reset and Output Muting (RST)
System reset
The SM5841H must be reset at power-ON by apply-
ing a LOW-level pulse on RST.
At system reset, the arithmetic and output timing
counters are reset on the next LRCI start edge, as
long as the CKI clock has already stabilized.
The power-ON reset pulse can be applied by a
microcontroller or, for systems where CKI and LRCI
are stable at power-ON, by connecting a 300 pF
capacitor between RST and VSS. For systems that do
not use a microcontroller, the capacitor must be cho-
sen such that the CKI and LRCI clocks fully stabilize
before RST goes from LOW to HIGH.
If the system clock is interrupted or is corrupted by
jitter, after power-ON reset and all internal timing is
synchronized, such that a timing error greater than
±3/8
× f
LRCI occurs, the internal timing is automati-
cally reset on the next LRCI start edge. This resyn-
chronization affects the internal operation and can
generate a momentary click noise output.
Output muting
When RST goes LOW, the DOL and DOR outputs
go LOW, immediately muting the output signal, and
they remain LOW for intervals in word units. Muting
is released and timing is synchronized on the 3rd ris-
ing edge of LRCI after RST goes HIGH. Note that
during muted output, the BCKO and WCKO clocks
do not stop.
Figure 6. System reset timing and output muting
LRCI
Internal reset
DOL
DOR
(L)
(L)
1234
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com