Electronic Components Datasheet Search
  English  ▼

X  

MT3170 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT3170
Description  Wide Dynamic Range DTMF Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT3170 Datasheet(HTML) 7 Page - Mitel Networks Corporation

  MT3170 Datasheet HTML 1Page - Mitel Networks Corporation MT3170 Datasheet HTML 2Page - Mitel Networks Corporation MT3170 Datasheet HTML 3Page - Mitel Networks Corporation MT3170 Datasheet HTML 4Page - Mitel Networks Corporation MT3170 Datasheet HTML 5Page - Mitel Networks Corporation MT3170 Datasheet HTML 6Page - Mitel Networks Corporation MT3170 Datasheet HTML 7Page - Mitel Networks Corporation MT3170 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MT3170B/71B, MT3270B/71B, MT3370B/71B
4-9
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing
* Test Conditions
1. dBm refers to a reference power of 1 mW delivered into a 600 ohms load.
2. Data sequence consists of all DTMF digits.
3. Tone on = 40 ms, tone off = 40 ms.
4. Signal condition consists of nominal DTMF frequencies.
5. Both tones in composite signal have an equal amplitude.
6. Tone pair is deviated by ±1.5%± 2 Hz.
7. Bandwidth limited (0-3 kHz) Gaussian noise.
8. Precise dial tone frequencies are 350 Hz and 440 Hz (± 2%).
9. Referenced to lowest level frequency component in DTMF signal.
10. Referenced to the minimum valid accept level.
11. Both tones must be within valid input signal range.
12. External guard time for MT3x70B = 20ms.
13. Timing parameters are measured with 70pF load at SD output.
14. Time duration between PWDN pin changes from ‘1‘ to ‘0‘ and ESt/DStD becomes active.
15. Guaranteed by design and characterization.
Not subject to production testing.
16. Value measured with an applied tone of 450 Hz.
AC Electrical Characteristics - voltages are with respect to V
DD=5V±5%, VSS=0V and temperature -40 to +85°C unless
otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions*
1
Valid input signal level
(each tone of composite signal)
-50
2.45
0
775
dBm
mVRMS
1,2,3,5,6,12
2
Positive twist accept
8
dB
1,2,3,4,11,12,15
3
Negative twist accept
8
dB
1,2,3,4,11,12,15
4
Frequency deviation accept
±
1.5%± 2Hz
1,2,3,5,12
5
Frequency deviation reject
±
3.5%
1,2,3,5,12,15
6
Third tone tolerance
-16
dB
1,2,3,4,5,12
7
Noise tolerance
-12
dB
7,9,12
8
Dial tone tolerance
+15
dB
8,10,12
9
Supervisory tones detect level
(Total power)
-35
dBm
16
10
Supervisory tones reject level
-50
dBm
16
11
Energy detector attack time
tSA
1.0
6.5
ms
16
12
Energy detector decay time
tSD
325
ms
16
13a
13b
Powerdown time
Powerup time
10
30
50
ms
ms
ms
IDDQ
≤ 100
µA
MT3170B/3370B
MT3171B/3371B
Note 14
14
Tone present detect time (ESt
logic output)
tDP
3
13
20
ms
MT3x70B
15
Tone absent detect time (ESt
logic output)
tDA
3
15
ms
MT3x70B
16
Tone duration accept
(DStD logic output)
tREC
40
ms
MT3x71B
17
Tone duration reject
(DStD logic output)
tREC
20
ms
MT3x71B
18
Interdigit pause accept (DStD
logic output)
tID
40
ms
MT3x71B
19
Interdigit pause reject (DStD
logic output)
tDO
20
ms
MT3x71B
20
Data shift rate 40-60% duty cycle
fACK
1.0
3.0
MHz
13,15
21
Propagation delay
(ACK to Data Bit)
tPAD
100
140
ns
1MHz fACK,
13,15
22
Data hold time (ACK to SD)
tDH
30
50
ns
13,15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com