Electronic Components Datasheet Search
  English  ▼

X  

MT8804AP Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8804AP
Description  CMOS 8 x 4 Analog Switch Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8804AP Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8804AP Datasheet HTML 1Page - Mitel Networks Corporation MT8804AP Datasheet HTML 2Page - Mitel Networks Corporation MT8804AP Datasheet HTML 3Page - Mitel Networks Corporation MT8804AP Datasheet HTML 4Page - Mitel Networks Corporation MT8804AP Datasheet HTML 5Page - Mitel Networks Corporation MT8804AP Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3-3
3-3
®
Features
•
Microprocessor compatible control inputs
•
On chip control memory and address decoding
•
Row addressing
•
Master reset
•
32 crosspoint switches in 8 x 4 array
•
5.0V to 15.0V operation
•
Low crosstalk between switches
•
Low on resistance: 90
Ω (typ.) at 13V
•
Matched switch characteristics
•
Switches frequencies up to 40MHz
Applications
•
PABX and key sytems
•
Data acquisition systems
•
Test equipment/instrumentation
•
Analog/digital multiplexers
Description
The MT8804A is a CMOS/LSI 8 x 4 Analog Switch
Array incorporating control memory (32 bits), deco-
der and digital logic level converters. This circuit has
digitally controlled analog switches having very low
“ON“ resistance and very low “OFF” leakage current.
Switches
will
operate
with
analog
signals
at
frequencies to 40 MHz and up to 15.0Vp-p.
A
“HIGH“ on the Master Reset input switches all
channels “OFF“ and clears the memory. This device
is ideal for crosspoint switching applications.
Ordering Information
MT8804AC
24 Pin Ceramic DIP
MT8804AE
24 Pin Plastic DIP
MT8804AP
28 Pin PLCC
-40° to 85°C
Figure 1 - Functional Block Diagram
3 to 8
Decoder
Latches
8 x 4
Switch
Array
11
832
AE
D0 D1 D2 D3
VDD
VEE
VSS
A0
A1
A2
MR
Ji I/O (i=0-3)
Li I/O
(i=0-7)
• • • • • • • • • • • • • • • • • • •
ISSUE 2
October 1989
MT8804A
8 x 4 Analog Switch Array
CMOS


Similar Part No. - MT8804AP

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT8803R3 MAXIC-MT8803R3 Datasheet
170Kb / 1P
Ultra-Low Standby Power Dissipation, Non-Isolated, Buck, Constant Voltage Driver
MT8803T0 MAXIC-MT8803T0 Datasheet
170Kb / 1P
Ultra-Low Standby Power Dissipation, Non-Isolated, Buck, Constant Voltage Driver
MT8805S0 MAXIC-MT8805S0 Datasheet
127Kb / 1P
Ultra-Low Standby Power Dissipation, Non-Isolated, Buck, Constant Voltage Driver
logo
Mitel Networks Corporat...
MT8806 MITEL-MT8806 Datasheet
55Kb / 6P
ISO-CMOS 8 x 4 Analog Switch Array
MT8806AC MITEL-MT8806AC Datasheet
55Kb / 6P
ISO-CMOS 8 x 4 Analog Switch Array
More results

Similar Description - MT8804AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT093 MITEL-MT093 Datasheet
51Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8806 MITEL-MT8806 Datasheet
55Kb / 6P
ISO-CMOS 8 x 4 Analog Switch Array
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8815 MITEL-MT8815 Datasheet
56Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
ISO-CMOS 8 x 16 Analog Switch Array
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
8 x 12 Analog Switch Array
MT8816 ZARLINK-MT8816 Datasheet
325Kb / 12P
ISO-CMOS 8 x 16 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com