Electronic Components Datasheet Search
  English  ▼

X  

BC559 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC559
Description  Low Noise Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC559 Datasheet(HTML) 1 Page - ON Semiconductor

  BC559 Datasheet HTML 1Page - ON Semiconductor BC559 Datasheet HTML 2Page - ON Semiconductor BC559 Datasheet HTML 3Page - ON Semiconductor BC559 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 3
1
Publication Order Number:
BC559/D
BC559
Low Noise Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
BC559
BC560
Unit
Collector−Emitter Voltage
VCEO
−30
−45
Vdc
Collector−Base Voltage
VCBO
−30
−50
Vdc
Emitter−Base Voltage
VEBO
−5.0
Vdc
Collector Current — Continuous
IC
−100
mAdc
Total Device Dissipation @
TA = 25°C
Derate above 25°C
PD
625
5.0
mW
mW/°C
Total Device Dissipation @
TC = 25°C
Derate above 25°C
PD
1.5
12
Watt
mW/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to
Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to
Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
BC559
BC560
V(BR)CEO
−30
−45
—
—
—
—
Vdc
Collector−Base Breakdown Voltage
(IC = −10 μAdc, IE = 0)
BC559
BC560
V(BR)CBO
−30
−50
—
—
—
—
Vdc
Emitter−Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
—
—
Vdc
Collector Cutoff Current
(VCB = −30 Vdc, IE = 0)
(VCB = −30 Vdc, IE = 0, TA = +125°C)
ICBO
—
—
—
—
−15
−5.0
nAdc
μAdc
Emitter Cutoff Current
(VEB = −4.0 Vdc, IC = 0)
IEBO
—
—
−15
nAdc
http://onsemi.com
CASE 29−04, STYLE 17
TO−92 (TO−226AA)
1
2
3
COLLECTOR
1
2
BASE
3
EMITTER


Similar Part No. - BC559

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
Low Noise Transistors
logo
NXP Semiconductors
BC559 PHILIPS-BC559 Datasheet
44Kb / 8P
PNP general purpose transistor
1999 May 28
logo
Semtech Corporation
BC559 SEMTECH-BC559 Datasheet
370Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Siemens Semiconductor G...
BC559 SIEMENS-BC559 Datasheet
213Kb / 6P
PNP SILICON TRANSISTORS
logo
General Semiconductor
BC559 GE-BC559 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
More results

Similar Description - BC559

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC549B MOTOROLA-BC549B Datasheet
110Kb / 4P
Low Noise Transistors
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
Low Noise Transistors
MMBT5088LT1 MOTOROLA-MMBT5088LT1 Datasheet
298Kb / 6P
Low Noise Transistors
MRF2947 MOTOROLA-MRF2947 Datasheet
181Kb / 12P
LOW NOISE TRANSISTORS
MRF949T1 MOTOROLA-MRF949T1 Datasheet
166Kb / 14P
LOW NOISE TRANSISTORS
MRF959T1 MOTOROLA-MRF959T1 Datasheet
171Kb / 12P
LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC559B ONSEMI-BC559B Datasheet
84Kb / 4P
Low Noise Transistors
1997
BC560C ONSEMI-BC560C Datasheet
137Kb / 4P
Low Noise Transistors
June, 2009 ??Rev. 3
BC560CG ONSEMI-BC560CG Datasheet
98Kb / 4P
Low Noise Transistors
July, 2012 ??Rev. 4
MMBT5088L ONSEMI-MMBT5088L Datasheet
188Kb / 5P
Low Noise Transistors
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com