Electronic Components Datasheet Search
  English  ▼

X  

MT8809AP Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8809AP
Description  ISO-CMOS 8 x 8 Analog Switch Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8809AP Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8809AP Datasheet HTML 1Page - Mitel Networks Corporation MT8809AP Datasheet HTML 2Page - Mitel Networks Corporation MT8809AP Datasheet HTML 3Page - Mitel Networks Corporation MT8809AP Datasheet HTML 4Page - Mitel Networks Corporation MT8809AP Datasheet HTML 5Page - Mitel Networks Corporation MT8809AP Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3-21
3-21
®
MT8809
8 x 8 Analog Switch Array
Features
•
Internal control latches and address decoder
•
Short setup and hold times
•
Wide operating voltage: 4.5V to 13.2V
•
12Vpp analog signal capability
•RON 65Ω max. @ VDD=12V, 25°C
•
∆R
ON ≤ 10Ω @ VDD=12V, 25°C
•
Full CMOS switch for low distortion
•
Minimum feedthrough and crosstalk
•
Low power consumption ISO-CMOS technology
•
Internal pull-up resistor for RESET pin
Applications
•
Key systems
•
PBX systems
•
Mobile radio
•
Test equipment /instrumentation
•
Analog/digital multiplexers
•
Audio/Video switching
Description
The Mitel MT8809 is fabricated in MITEL’s ISO-
CMOS technology providing low power dissipation
and high reliability. The device contains a 8 x 8 array
of crosspoint switches along with a 6 to 64 line
decoder and latch circuits. Any one of the 64
switches
can
be
addressed
by
selecting
the
appropriate six address bits. The selected switch can
be turned on or off by applying a logical one or
zero to the DATA input. Chip Select (CS) allows the
crosspoint
array
to
be
cascaded
for
matrix
expansion.
Ordering Information
MT8809AC
28 Pin Ceramic DIP
MT8809AE
28 Pin Plastic DIP
MT8809AP
28 Pin PLCC
-40° to 85°C
Figure 1 - Functional Block Diagram
6 to 64
Decoder
Latches
8 x 8
Switch
Array
AX0
AX1
AY0
AY1
AY2
STROBE
DATA RESET
VDD
VSS
Xi I/O
(i=0-7)
Yi I/O (i=0-7)
11
64
64
• • • • • • • • • • • • • • • • • • •
AX2
CS
ISSUE 2
November 1988
ISO-CMOS


Similar Part No. - MT8809AP

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT8803R3 MAXIC-MT8803R3 Datasheet
170Kb / 1P
Ultra-Low Standby Power Dissipation, Non-Isolated, Buck, Constant Voltage Driver
MT8803T0 MAXIC-MT8803T0 Datasheet
170Kb / 1P
Ultra-Low Standby Power Dissipation, Non-Isolated, Buck, Constant Voltage Driver
logo
Mitel Networks Corporat...
MT8804 MITEL-MT8804 Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
MT8804AC MITEL-MT8804AC Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
More results

Similar Description - MT8809AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT093 MITEL-MT093 Datasheet
51Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
MT8806 MITEL-MT8806 Datasheet
55Kb / 6P
ISO-CMOS 8 x 4 Analog Switch Array
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8815 MITEL-MT8815 Datasheet
56Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
ISO-CMOS 8 x 16 Analog Switch Array
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
8 x 12 Analog Switch Array
MT8816 ZARLINK-MT8816 Datasheet
325Kb / 12P
ISO-CMOS 8 x 16 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com