Electronic Components Datasheet Search
  English  ▼

X  

MT8841 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8841
Description  CMOS Calling Number Identification Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8841 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8841 Datasheet HTML 1Page - Mitel Networks Corporation MT8841 Datasheet HTML 2Page - Mitel Networks Corporation MT8841 Datasheet HTML 3Page - Mitel Networks Corporation MT8841 Datasheet HTML 4Page - Mitel Networks Corporation MT8841 Datasheet HTML 5Page - Mitel Networks Corporation MT8841 Datasheet HTML 6Page - Mitel Networks Corporation MT8841 Datasheet HTML 7Page - Mitel Networks Corporation MT8841 Datasheet HTML 8Page - Mitel Networks Corporation MT8841 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MT8841
5-12
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
16
20
11
IN+
Non-inverting Op-Amp (Input).
22
IN-
Inverting Op-Amp (Input).
33
GS
Gain Select (Output). Gives access to op-amp output for connection of feedback resistor.
44
VRef
Voltage Reference (Output). Nominally VDD/2. This is used to bias the op-amp inputs.
55
CAP
Capacitor. Connect a 0.1µF capacitor to VSS.
67
OSC1 Oscillator (Input). Crystal or ceramic resonator connection. This pin can be driven directly
from an external clocking source.
79
OSC2 Oscillator (Output). Crystal or ceramic resonator connection. When OSC1 is driven by an
external clock, this pin should be left open.
810
VSS
Power supply ground.
9
11
DCLK Data Clock (Output). Outputs a clock burst of 8 low going pulses at 1202.8Hz (3.5795MHz
divided by 2976). Every clock burst is initiated by the DATA stop bit start bit sequence. When
the input DATA is 1202.8 baud, the positive edge of each DCLK pulse coincides with the
middle of the data bits output at the DATA pin. No DCLK pulses are generated during the start
or stop bits. Typically, DCLK is used to clock the eight data bits from the 10 bit data word into a
serial-to-parallel converter.
10
12
DATA
Data (Output). Serial data output corresponding to the FSK input and switching at the input
baud rate. Mark frequency at the input corresponds to a logic high, while space frequency
corresponds to a logic low at the DATA output. With no FSK input, DATA is at logic high. This
output stays high until CD has become active.
11
13
DR
Data Ready (Open Drain Output). This output goes low after the last DCLK pulse of each
word. This can be used to identify the data (8-bit word) boundary on the serial output stream.
Typically, DR is used to latch the eight data bits from the serial-to-parallel converter into a
microcontroller.
12
14
CD
Carrier Detect (Open Drain Output). A logic low indicates that a carrier has been present for
a specified time on the line. A time hysteresis is provided to allow for momentary discontinuity
of carrier.
13
15
PWDN Power Down (Input). Active high, Schmitt Trigger input. Powers down the device including the
input op-amp and the oscillator.
14
16
IC1
Internal Connection 1. Connect to VSS.
15
19
IC2
Internal Connection 2. Internally connected, leave open circuit.
16
20
VDD
Positive power supply voltage.
6,8
17,
18
NC
No Connection.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN+
IN-
GS
VRef
CAP
OSC1
OSC2
VSS
VDD
IC2
IC1
PWDN
CD
DR
DATA
DCLK
16 PIN PLASTIC DIP/SOIC
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
IN+
IN-
GS
VRef
CAP
NC
OSC1
NC
OSC2
VSS
20 PIN SSOP
VDD
IC2
NC
NC
PWDN
CD
DR
DATA
DCLK
IC1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com