Electronic Components Datasheet Search
  English  ▼

X  

MT8841 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT8841
Description  CMOS Calling Number Identification Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8841 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT8841 Datasheet HTML 2Page - Mitel Networks Corporation MT8841 Datasheet HTML 3Page - Mitel Networks Corporation MT8841 Datasheet HTML 4Page - Mitel Networks Corporation MT8841 Datasheet HTML 5Page - Mitel Networks Corporation MT8841 Datasheet HTML 6Page - Mitel Networks Corporation MT8841 Datasheet HTML 7Page - Mitel Networks Corporation MT8841 Datasheet HTML 8Page - Mitel Networks Corporation MT8841 Datasheet HTML 9Page - Mitel Networks Corporation MT8841 Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MT8841
5-17
† Electrical characteristics are over recommended operating conditions, unless otherwise stated.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
† AC Electrical Characteristics are over recommended operating conditions, unless otherwise stated.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Electrical Characteristics† - Gain Setting Amplifier
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input Leakage Current
IIN
1
µAVSS ≤ VIN ≤ VDD
2
Input Resistance
Rin
5M
Ω
3
Input Offset Voltage
VOS
25
mV
4
Power Supply Rejection Ratio
PSRR
30
40
dB
1kHz ripple on VDD
5
Common Mode Rejection
CMRR
30
40
dB
VCMmin ≤ VIN ≤ VCMmax
6
DC Open Loop Voltage Gain
AVOL
30
32
dB
7
Unity Gain Bandwidth
fC
.2
0.3
MHz
8
Output Voltage Swing
VO
0.5
VDD-0.5
Vpp
Load
≥ 50kΩ
9
Maximum Capacitive Load (GS)
CL
100
pF
10 Maximum Resistive Load (GS)
RL
50
k
Ω
11
Common Mode Range Voltage
VCM
1.0
VDD-1.0
V
AC Electrical Characteristics† - FSK Detection
Characteristics
Sym
Min
Typ‡
Max
Units
Notes*
1
Input Detection Level
-36
12.3
-9
275
dBm
mV
1, 2, 3
1, 2, 3
2
Input Baud Rate
1188
1200
1212
baud
7
3
Input Frequency Detection
Bell 202 1 (Mark)
Bell 202 0 (Space)
CCITT V.23 1 (Mark)
CCITT V.23 0 (Space)
1188
2178
1280.5
2068.5
1200
2200
1300
2100
1212
2222
1319.5
2131.5
Hz
Hz
Hz
Hz
4
Input Noise Tolerance 20 log
(
SNR
20
dB
2, 3, 4, 5
}7 BELL 202 Frequencies
}7 CCITT V.23 Frequencies
)
signal
noise



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com