Electronic Components Datasheet Search
  English  ▼

X  

ACE722E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE722E
Description  3MHz 2A Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE722E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ACE722E
3MHz 2A Step-Down Converter
VER 1.1
1
Description
The ACE722E is a high-efficiency, DC-to-DC step-down switching regulator, capable of delivering up
to 2A of output current. The devices operate from an input voltage range of 2.6V to 5.5V and provide
output voltages from 0.6V to VIN, making the ACE722E ideal for low voltage power conversions. Running
at a fixed frequency of 3MHz allows the use of small inductance value and low DCR inductors, thereby
achieving higher efficiencies. Other external components, such as ceramic input and output caps, can
also be small due to higher switching frequency, while maintaining exceptional low noise output voltages.
Built-in EMI reduction circuitry makes this converter ideal power supply for RF applications. Internal
soft-start control circuitry reduces inrush current. Short-circuit and thermal-overload protection improves
design reliability.
ACE722E is housed in a tiny SOT23-5/ DFN2x2-8L package
Features
ŋ up to 96%
Up to 2A Max output current
3MHz Frequency
Internal Compensation
Clock Dithering
Tiny SOT23-5/ DFN2x2-8L Package
Application
USB ports/HubS
Portable Devices
Cellphones
Tablet PC
Set Top Boxes
Absolute Maximum Rating
Parameter
Value
Max Input Voltage
6V
Max Operating Junction Temperature(Tj)
125
Ambient Temperature(Ta)
-20℃~85℃
Pacage Thermal Resistance (
Θ jc)
DFN2x2-8L
25℃/W
Power Dissipation
SOT-23-5
250mW
Storage Temperature(Ts)
-40℃-150℃
Lead Temperature & Time
260℃,105
ESD (HBM)
>2000V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability


Similar Part No. - ACE722E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE7222CBNH ACE-ACE7222CBNH Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results

Similar Description - ACE722E

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
3A, 24V, 3MHz Step-Down Converter
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
3MHz 1A Step-Down Converter
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
3MHz 1A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
Microsemi Corporation
LX7167 MICROSEMI-LX7167 Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com