Electronic Components Datasheet Search
  English  ▼

X  

MT8840AS Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8840AS
Description  ISO2-CMOS Data Over Voice Modem
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8840AS Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8840AS Datasheet HTML 1Page - Mitel Networks Corporation MT8840AS Datasheet HTML 2Page - Mitel Networks Corporation MT8840AS Datasheet HTML 3Page - Mitel Networks Corporation MT8840AS Datasheet HTML 4Page - Mitel Networks Corporation MT8840AS Datasheet HTML 5Page - Mitel Networks Corporation MT8840AS Datasheet HTML 6Page - Mitel Networks Corporation MT8840AS Datasheet HTML 7Page - Mitel Networks Corporation MT8840AS Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ISO2-CMOS
MT8840
5-5
Functional Description
The
MT8840
contains
the
modulator
and
demodulator circuitry for 32 kHz ASK signalling as
well as a two-tone warbler (tone caller) to replace the
function of the mechanical telephone ringer.
A 32 kHz carrier is 100% amplitude modulated by the
digital bit stream applied to input TxDI. This results in
an amplitude shift keyed (ASK) 32 kHz carrier. A
logical high at TxDI disables the carrier and a logical
low enables it. The digitally modulated waveform is
shaped by the Tx BANDPASS FILTER and smoothed
by the Tx POST FILTER. The signal then enters the
routing block where it is transferred to the TxO
output.
The modulated 32 kHz receive signal is applied to
RxI. With a logical low applied to LOOP and a logical
high applied to RxE, receive signals are routed to the
Rx PREFILTER. High frequencies are removed by
the Rx PREFILTER to prevent aliasing in the
switched capacitor Rx BANDPASS FILTER. Voice
signals are removed by the bandpass filter which is
followed by an AGC circuit. This provides a dynamic
range of 20dB for the receiver. An external 1µF
capacitor connected from CRx to VSS is required to
control the AGC attack and decay time constants.
Data is recovered from the received signal in the
demodulator. The minimum voltage level to which
the demodulator responds may be adjusted by
connecting a resistor from DET to VDD or VRef. Since
DET is the input to a comparator, noise should be
kept to a minimum at this pin. The recovered receive
data is synchronized to the leading edge of the 32
kHz clock (available at CK32) before appearing at
RxDO.
When in loop around mode, the Rx PREFILTER
input is internally disconnected from the RxI input pin
and connected to TxO. The transmitter output is still
available at TxO.
A two tone warbling audio signal is available at TCO
when the tone caller enable input (ETC) is high. TCO
is internally clamped to VRef when the tone caller is
disabled. The tone output can be attenuated by 20dB
if a logical high is applied to the tone caller mute
input (MTC).
Applications
Figures 3 through 5 show how the MT8840 may be
utilized to transfer data and voice simultaneously
over a single pair of wires in digital or analog PABXs
and "smart" telephone sets. In all three figures a
microprocessor sends/receives data to/from
the
MT8840 via a UART which converts the data format
from parallel-to-serial or serial-to-parallel for
the
transmit and receive directions, respectively. In the
receive direction the MT8840 has on-board filters to
reject voice-band signals leaving only the 32 kHz
carrier. This carrier is then demodulated to recover
the received data. In the transmit direction the data
to be sent is modulated and passed on to a summing
circuit which sums the modulated 32 kHz carrier and
voiceband
signals
for
transmission
over
the
telephone line. In the PABX the Filter/Codec has
filters which reject the 32 kHz carrier from the
received composite voice and data signal allowing
only voiceband signals to pass through which are
then PCM encoded for digital switching. However, in
both the analog PABX and smart telephone set,
lowpass filters could be included to bandlimit the
received signal leaving only voice signals to be
passed on to the switch array or handset earpiece.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com