Electronic Components Datasheet Search
  English  ▼

X  

MT8840AS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8840AS
Description  ISO2-CMOS Data Over Voice Modem
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8840AS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8840AS Datasheet HTML 1Page - Mitel Networks Corporation MT8840AS Datasheet HTML 2Page - Mitel Networks Corporation MT8840AS Datasheet HTML 3Page - Mitel Networks Corporation MT8840AS Datasheet HTML 4Page - Mitel Networks Corporation MT8840AS Datasheet HTML 5Page - Mitel Networks Corporation MT8840AS Datasheet HTML 6Page - Mitel Networks Corporation MT8840AS Datasheet HTML 7Page - Mitel Networks Corporation MT8840AS Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ISO2-CMOS
MT8840
5-7
Figure 5 - Smart Telephone Set Block Diagram
Figure 6 - Crystal Oscillator Connections for Driving Multiple MT8840s
Tx
Rx
Summing
Circuit
Telephone
line
MT8840
Micro-
processor
UART
Tx Data
Rx Data
Low-
Pass
Filter
Handset
(Optional)
2W/4W
Converter
When a single crystal is shared among a number of MT8840 devices, OSC1 and OSC2 should be a.c. coupled with a 1000
pF capacitor as shown above. This capacitor is not needed between the device with the crystal and the first driven device.
A capacitor should be used in the first stage whenever such a chain of devices is driven from a clock instead of a crystal. A
33pF capacitor should be connected between OSC1 and VSS to compensate for the load on OSC2.
VDD
VSS
OSC1
OSC2
MT8840
C=33pF
MT8840
OSC1
OSC2
C=1000pF
MT8840
OSC1
OSC2
C=1000pF
• • •



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com