Electronic Components Datasheet Search
  English  ▼

X  

MT8841AS Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8841AS
Description  CMOS Calling Number Identification Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8841AS Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8841AS Datasheet HTML 1Page - Mitel Networks Corporation MT8841AS Datasheet HTML 2Page - Mitel Networks Corporation MT8841AS Datasheet HTML 3Page - Mitel Networks Corporation MT8841AS Datasheet HTML 4Page - Mitel Networks Corporation MT8841AS Datasheet HTML 5Page - Mitel Networks Corporation MT8841AS Datasheet HTML 6Page - Mitel Networks Corporation MT8841AS Datasheet HTML 7Page - Mitel Networks Corporation MT8841AS Datasheet HTML 8Page - Mitel Networks Corporation MT8841AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
5-11
®
Features
•
1200 baud BELL 202 and CCITT V.23
Frequency Shift Keying (FSK) demodulation
•
Compatible with Bellcore TR-NWT-000030 and
SR-TSV-002476
•
High input sensitivity: -36dBm
•
Simple serial 3-wire data interface eliminating
the need for a UART
•
Power down mode
•
Internal gain adjustable amplifier
•
Carrier detect status output
•
Uses 3.579545 MHz crystal or ceramic
resonator
•
Single 5V power supply
•
Low power CMOS technology
Applications
•
Calling Number Delivery (CND), Calling Name
Delivery (CNAM) and Calling Identity on Call
Waiting (CIDCW) features of Bellcore CLASSSM
service
•
Feature phones
•
Phone set adjunct boxes
•
FAX machines
•
Telephone Answering machines
•
Database query systems
Description
The MT8841 Calling Number Identification Circuit
(CNIC) is a CMOS integrated circuit providing an
interface to various calling line information delivery
services that utilize 1200 baud BELL 202 or CCITT
V.23 FSK voiceband data transmission schemes.
The CNIC receives and demodulates the signal and
outputs data into a simple 3-wire serial interface.
Typically,
the
FSK
modulated
data
containing
information on the calling line is sent before alerting
the called party or during the silent interval between
the first and second ring using either CCITT V.23
recommendations or Bell 202 specifications.
The CNIC accepts and demodulates both CCITT
V.23 and BELL 202 signals. Along with serial data
and clock, the CNIC provides a data ready signal to
indicate the reception of every 8-bit character sent
from the Central Office. The received data can be
processed externally by a microcontroller, stored in
memory, or displayed as is, depending on the
application.
Ordering Information
MT8841AE
16 Pin Plastic DIP
MT8841AS
16 Pin SOIC
MT8841AN
20 Pin SSOP
-40 °C to +85 °C
Figure 1 - Functional Block Diagram
CLASSSM is a service mark of Bellcore
GS
IN-
IN+
CAP
VRef
DATA
DR
DCLK
CD
PWDN
OSC1
OSC2
VSS
VDD IC1
IC2
Receive
Bandpass
Filter
Bias
Generator
FSK
Demodulator
Data and Timing
Carrier
Detector
Clock
Generator
Recovery
to other
circuits
-
+
ISSUE 4
May 1995
MT8841
Calling Number Identification Circuit
CMOS


Similar Part No. - MT8841AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8840 MITEL-MT8840 Datasheet
56Kb / 8P
ISO2-CMOS Data Over Voice Modem
MT8840AE MITEL-MT8840AE Datasheet
56Kb / 8P
ISO2-CMOS Data Over Voice Modem
MT8840AS MITEL-MT8840AS Datasheet
56Kb / 8P
ISO2-CMOS Data Over Voice Modem
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
CMOS Calling Number Identification Circuit 2 Preliminary Information
MT8843AE MITEL-MT8843AE Datasheet
115Kb / 10P
CMOS Calling Number Identification Circuit 2 Preliminary Information
More results

Similar Description - MT8841AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
CMOS Calling Number Identification Circuit 2 Preliminary Information
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
CMOS Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E41 ZARLINK-MT88E41 Datasheet
888Kb / 16P
CMOS Extended Voltage Calling Number Identification Circuit (ECNIC)
MT88E43 ZARLINK-MT88E43 Datasheet
317Kb / 26P
Extended Voltage Calling Number Identification Circuit 2
MT88E45B ZARLINK-MT88E45B Datasheet
488Kb / 28P
4-Wire Calling Number Identification Circuit 2
MT88E46 ZARLINK-MT88E46 Datasheet
522Kb / 23P
Bellcore Compliant Calling Number Identification Circuit
logo
List of Unclassifed Man...
SC88E43 ETC-SC88E43 Datasheet
389Kb / 25P
EXTENDED VOLTAGE CALLING NUMBER IDENTIFICATION CIRCUIT 2
logo
Zarlink Semiconductor I...
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
Calling Number Identification Circuit
logo
Texas Instruments
MT88E46 TI-MT88E46_06 Datasheet
406Kb / 23P
Bellcore Compliant Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E43B ZARLINK-MT88E43B Datasheet
559Kb / 29P
Extended Voltage Calling Number Identification Circuit 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com