Electronic Components Datasheet Search
  English  ▼

X  

RCA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RCA
Description  Automotive Grade Thick Film, Rectangular Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCA Datasheet(HTML) 3 Page - Vishay Siliconix

  RCA Datasheet HTML 1Page - Vishay Siliconix RCA Datasheet HTML 2Page - Vishay Siliconix RCA Datasheet HTML 3Page - Vishay Siliconix RCA Datasheet HTML 4Page - Vishay Siliconix RCA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions in Europe, contact: ff1aresistors@vishay.com
Document Number: 20034
126
For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com
Revision: 14-Feb-08
RCA
Vishay
Automotive Grade
Thick Film, Rectangular Chip Resistors
PACKAGING
MODEL
REEL
BULK
TAPE WIDTH
DIAMETER
PIECES/REEL
PITCH
PACKING CODE
BULK FEEDING MAGAZINE
PIECES/MAGAZINE
PAPER
BLISTER
PIECES
CODE
RCA0402
8 mm
180 mm/7"
10 000
2 mm
RT7
50 000
B27
330 mm/13"
50 000
2 mm
RF4
RCA0603
8 mm
180 mm/7"
5000
4 mm
RT1
255 mm/10"
10 000
4 mm
RT5
25 000
B27
330 mm/13"
20 000
4 mm
RT6
RCA0805
8 mm
180 mm/7"
5000
4 mm
RT1
255 mm/10"
10 000
4 mm
RT5
10 000
B27
330 mm/13"
20 000
4 mm
RT6
RCA1206
8 mm
180 mm/7"
5000
4 mm
RT1
255 mm/10"
10 000
4 mm
RT5
330 mm/13"
20 000
4 mm
RT6
RCA1210
8 mm
180 mm/7"
5000
4 mm
RT1
330 mm/13"
20 000
4 mm
RT6
RCA1218
12 mm
180 mm/7"
4000
4 mm
RT9
RCA2010
12 mm
180 mm/7"
4000
4 mm
R02
RCA2512
12 mm
180 mm/7"
2000
8 mm
R67
4000
4 mm
R82



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com