Electronic Components Datasheet Search
  English  ▼

X  

RCA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RCA
Description  Automotive Grade Thick Film, Rectangular Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCA Datasheet(HTML) 4 Page - Vishay Siliconix

  RCA Datasheet HTML 1Page - Vishay Siliconix RCA Datasheet HTML 2Page - Vishay Siliconix RCA Datasheet HTML 3Page - Vishay Siliconix RCA Datasheet HTML 4Page - Vishay Siliconix RCA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 20034
For technical questions in Europe, contact: ff1aresistors@vishay.com
www.vishay.com
Revision: 14-Feb-08
For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com
127
RCA
Automotive Grade
Thick Film, Rectangular Chip Resistors
Vishay
Note:
• For more details please refer to datasheet D../CRCW
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST RESULTS %
0402
0603
0805
1206
1210
1218
2010
2512
Endurance Test at 70 °C
IEC 60115-1 4.25.1
1000 h at 70 °C, 1.5 h ON, 0.5 h OFF
≤ ± 1.0
≤ ± 0.5
≤ ± 1.0
Endurance at UCT
IEC 60115-1 4.25.3
1000 h at 125 °C without load
≤ ± 1.0
≤ ± 0.5
≤ ± 1.0
Overload Test
IEC 60115-1 4.13
Short time overload
2.5 x rated voltage or
≤ 2 x limiting element voltage.
≤ ± 0.25
≤ ± 0.25
≤ ± 0.5
Thermal Shock
IEC 60115-1 4.19; IEC 60068-2-14;
Rapid change between upper and lower category
temperature
≤ ± 0.25
≤ ± 0.25
≤ ± 0.5
Damp Heat Steady State
IEC 60115-1 4.24; IEC 60068-2-3
56 days at 40 °C and 93 % relative humidity
≤ ± 1.0
≤ ± 0.5
≤ ± 1.0
Resistance to Soldering Heat
IEC 60115-1 4.18; IEC 60068-2-20
10 s at 260 °C solder bath temperature
≤ ± 0.25
≤ ± 0.25
≤ ± 0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com