Electronic Components Datasheet Search
  English  ▼

X  

RCMS02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCMS02
Description  Molded Metal Film High Stability Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMS02 Datasheet(HTML) 2 Page - Vishay Siliconix

  RCMS02_15 Datasheet HTML 1Page - Vishay Siliconix RCMS02_15 Datasheet HTML 2Page - Vishay Siliconix RCMS02_15 Datasheet HTML 3Page - Vishay Siliconix RCMS02_15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RCMS02, RCMS05, RCMS1
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
2
Document Number: 52007
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING
TEMPERATURE RISE
PRACTICAL OPERATING TOLERANCES
Tables 2 and 3 show the basic characteristics and max.
values under different stresses. In fact, the values and drifts
are maintained to within narrower limits.
Thus, in operation under the specified conditions (Pr at
70 °C) the total drift (load life + TCR) of a RCMS K3 does not
exceed ± 0.5 %.
NOISE LEVEL
In a frequency decade, the average noise level increases
with the ohmic value and can reach 0.3 μV/V for the highest
values. It is non measurable for Rn < 2 k.
MARKING
Printed: Vishay Sfernice trademark, series, style NF style (if
applicable), ohmic value (in
), tolerance (in %), temperature
coefficient, manufacturing data. Due to lack of space RCMS
02 is printed MS 02.
PERFORMANCE
CECC 40 100     EN 140-100
TYPICAL VALUES
AND DRIFTS
TESTS
CONDITIONS
REQUIREMENTS
Load Life at Max. Category
Temperature
1000 h at 125 °C 50 % of Pn
 ± (1 % + 0.05 )
Insulation resist. > 1 G
± 0.5 % or 0.05
Insulation resist. 106 M
Short Time Overload
2.5 Um/5 s
limited to 2 Un
 ± (0.25 % + 0.05 )
± 0.1 % or 0.05
Damp Heat Humidity
(Steady State)
56 days
with low load
 ± (1 % + 0.05 )
Insulation resist. > 1 G
± 0.5 % or 0.05
Insulation resist. 106 M
Rapid Temperature Change
- 55 °C + 125 °C
 ± (0.25 % + 0.05 )
± 0.1 % or 0.05
Climatic Sequence
- 55 °C + 125 °C
severity 1
 ± (0.5 % + 0.05 )
Insulation resist. > 1 G
± 0.1 % or 0.05
Insulation resist. 106 M
Terminal Strength
Pull - twist - 2 bends
 ± (1 % + 0.05 )
± 0.05 % or 0.05
Vibration
10 Hz to 500 Hz
 ± (0.25 % + 0.05 )
± 0.05 % or 0.05
Soldering (Thermal Shock)
+ 260 °C 10 s
 ± (0.25 % + 0.05 )
± 0.1 % or 0.05
Load Life
Cycle 90’/30’
1000 h at Pn at 70 °C
 ± (1 % + 0.05 W)
Insulation resist. > 1 G
± 0.2 % or 0.05
Insulation resist. 106 M
Shelf Life
1 year
ambient temperature
-
± 0.1 % or 0.05
AMBIENT TEMPERATURE IN (°C)
100
50
0
0
30
50
70
100
125
150
RATED POWER IN (W)
60
40
20
0
5
0
S
M
C
R
1
S
M
C
R
0
0.25
0.5
0.75
1
Temperature coefficient
between - 10 °C and + 70 °C
K3
 30 ppm/°C
LONG LIFE
90’/30’ cycles
ambient temperature 70 °C
1000 h at Pr
± 0.25 %
10 000 h at Pr
± 0.5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com