Electronic Components Datasheet Search
  English  ▼

X  

RCMS02 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RCMS02
Description  Molded Metal Film High Stability Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMS02 Datasheet(HTML) 3 Page - Vishay Siliconix

  RCMS02_15 Datasheet HTML 1Page - Vishay Siliconix RCMS02_15 Datasheet HTML 2Page - Vishay Siliconix RCMS02_15 Datasheet HTML 3Page - Vishay Siliconix RCMS02_15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RCMS02, RCMS05, RCMS1
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
3
Document Number: 52007
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GLOBAL PART NUMBER INFORMATION
GLOBAL
Model
SIZE
SPECIAL
OHMIC VALUE
TOLERANCE
TEMPERATURE
COEFFICIENT
PACKAGING
RCMS
02
05
10
As applicacable.
Contact us.
The first four digits are
significant figures and
the last digit specifies the
number of zeros to follow.
R designates decimal point.
4R640 = 4.64
48701 = 48 700
10002 = 100 000
R0100 = 0.01
R6800 = 0.68
27000 = 2700
 = 2.7 k
F = 1 %
H = K3, 50 ppm/K
AM500 = A20
AM1000 = A22
BAG50 = S09
BAG100 = S14
S0
5
4
R
6
0
H
2
C
M
R
4F
A
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com