Electronic Components Datasheet Search
  English  ▼

X  

RCSE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCSE3
Description  Anti-Surge, High Power Thick Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCSE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  RCSE3 Datasheet HTML 1Page - Vishay Siliconix RCSE3 Datasheet HTML 2Page - Vishay Siliconix RCSE3 Datasheet HTML 3Page - Vishay Siliconix RCSE3 Datasheet HTML 4Page - Vishay Siliconix RCSE3 Datasheet HTML 5Page - Vishay Siliconix RCSE3 Datasheet HTML 6Page - Vishay Siliconix RCSE3 Datasheet HTML 7Page - Vishay Siliconix RCSE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RCS e3
www.vishay.com
Vishay
Revision: 02-Dec-15
2
Document Number: 20065
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The temperature coefficient of resistance (TCR) is not specified for 0
Ω jumpers.
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
RCS0402 e3
± 200 ppm/K
± 5 %
1
Ω to 10 MΩ
E24
± 100 ppm/K
± 1 %
1
Ω to 10 MΩ
E24; E96
± 100 ppm/K
± 0.5 %
1
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 3 A
≤ 20 mΩ
0
Ω
-
RCS0603 e3
± 200 ppm/K
± 5 %
1
Ω to 10 MΩ
E24
± 100 ppm/K
± 1 %
1
Ω to 10 MΩ
E24; E96
± 100 ppm/K
± 0.5 %
1
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 3.5 A
≤ 20 mΩ
0
Ω
-
RCS0805 e3
± 200 ppm/K
± 5 %
1
Ω to 10 MΩ
E24
± 100 ppm/K
± 1 %
1
Ω to 10 MΩ
E24; E96
± 100 ppm/K
± 0.5 %
1
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 4 A
≤ 20 mΩ
0
Ω
-
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
RCS0402 e3
ED = ET7
10 000
Paper tape according to
IEC 60286-3, Type 1a
8 mm
2 mm
Ø 180 mm/7"
EE = EF4
50 000
Ø 330 mm/13"
RCS0603 e3
EI = ET2
5000
2 mm
Ø 180 mm/7"
ED = ET3
10 000
Ø 180 mm/7"
EL = ET4
20 000
Ø 285 mm/11.25"
EE = ET8
50 000
Ø 330 mm/13"
EA = ET1
5000
4 mm
Ø 180 mm/7"
EB = ET5
10 000
Ø 285 mm/11.25"
EC = ET6
20 000
Ø 330 mm/13"
RCS0805 e3
EA = ET1
5000
4 mm
Ø 180 mm/7"
EB = ET5
10 000
Ø 285 mm/11.25"
EC = ET6
20 000
Ø 330 mm/13"
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: RCS0805100RFKEC
Part Number: RCS08050000Z0EC
TYPE / SIZE
RESISTANCE
TOLERANCE
TCR
PACKAGING
RCS0402
RCS0603
RCS0805
R = decimal
K = thousand
M = million
0000 = jumper
D = ± 0.5 %
F = ± 1.0 %
J = ± 5.0 %
Z = jumper
K = ± 100 ppm/K
N = ± 200 ppm/K
0 = jumper
EA, EB,
EC, ED,
EE, EI,
EL
Product Description: RCS0805 100 100R 1 % ET6 e3
Product Description: RCS0805 0R0 ET6 e3
RCS0805
100
100R
1 %
ET6
e3
TYPE / SIZE
TCR
RESISTANCE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
RCS0402
RCS0603
RCS0805
± 100 ppm/K
± 200 ppm/K
10R = 10
Ω
100R = 100
Ω
10K = 10 k
Ω
1M0 = 1 M
Ω
0R0 = jumper
± 0.5 %
± 1.0 %
± 5.0 %
ET1, ET2,
ET3, ET4,
ET5, ET6,
ET7, ET8,
EF4
e3 = pure tin
termination finish
R
C
S
0
8
5
1
0
0
R
F
K
E
C
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com