Electronic Components Datasheet Search
  English  ▼

X  

RCSE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RCSE3
Description  Anti-Surge, High Power Thick Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCSE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  RCSE3 Datasheet HTML 1Page - Vishay Siliconix RCSE3 Datasheet HTML 2Page - Vishay Siliconix RCSE3 Datasheet HTML 3Page - Vishay Siliconix RCSE3 Datasheet HTML 4Page - Vishay Siliconix RCSE3 Datasheet HTML 5Page - Vishay Siliconix RCSE3 Datasheet HTML 6Page - Vishay Siliconix RCSE3 Datasheet HTML 7Page - Vishay Siliconix RCSE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RCS e3
www.vishay.com
Vishay
Revision: 02-Dec-15
4
Document Number: 20065
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
Pulse load rating in accordance with EN 60115-1, 4.27; 1.2 μs/50 μs;
5 pulses at 12 s intervals; for permissible resistance change 1 %
Pulse load rating in accordance with EN 60115-1, 4.27; 10 μs/700 μs;
10 pulses at 1 min intervals; for permissible resistance change 1 %
DERATING
10
100
1000
10000
1
10
100
1000
10 000
1
10
100
1000
10 000
100 000
Axis Title
Resistance Value (Ω)
2nd line
RCS0805
RCS0603
RCS0402 in work
10
100
1000
10000
1
10
100
1000
10 000
1
10
100
1000
10 000
100 000
Axis Title
Resistance Value (Ω)
2nd line
RCS0805
RCS0603
RCS0402 in work
10
100
1000
10000
0
0.1
0.2
0.3
0.4
Axis Title
ϑ
amb - Ambient Temperature (°C)
2nd line
RCS0603
RCS0805
RCS0402
70
-50
0
50
100
150



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com