Electronic Components Datasheet Search
  English  ▼

X  

RCWPMR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCWPMR
Description  Thick Film Chip Resistors, Industrial, Moisture Resistant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCWPMR Datasheet(HTML) 1 Page - Vishay Siliconix

  RCWPMR Datasheet HTML 1Page - Vishay Siliconix RCWPMR Datasheet HTML 2Page - Vishay Siliconix RCWPMR Datasheet HTML 3Page - Vishay Siliconix RCWPMR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RCWP Moisture Resistant
www.vishay.com
Vishay Dale
Revision: 21-Feb-14
1
Document Number: 31007
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Chip Resistors, Industrial, Moisture Resistant
FEATURES
• Manufactured to the DSCC drawings for Military
Moisture Resistant chip resistor products
• Designed to be resistant to the degrading effects of
moisture while under power
• Construction is sulfur impervious against a high sulfur
environment (ASTM B 809-95 test method)
• Same materials and construction as MIL-PRF-55342 chip
resistors
• Termination: Tin/lead wraparound termination over nickel
barrier
• Operating temperature range: -55 °C to +155 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
• Consult factory for extended resistance range.
• These drawings can be viewed at: www.landandmaritime.dla.mil/Programs/MilSpec/ListDwgs.aspx?DocTYPE=DSCCdwg.
(1) Power rating depends on max. temperature at the solder joint, the component placement density and the substrate material.
(2) Continuous working voltage shall be
or maximum working voltage, whichever is less.
(3) MIL case size 0705 and EIA case size 0805 are dimensionally the same.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
DSCC DRAWING
NUMBER
CASE
SIZE
POWER RATING (1)
P70 °C
W
MAXIMUM
WORKING
VOLTAGE (2)
V
RESISTANCE
RANGE
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
RCWP0201..69
07010
0201
0.05
30
10 to 47
5, 10
300
47.5 to 1M
1, 2, 5, 10
100, 200, 300
RCWP0302..69
04007
0302
0.04
15
1 to 9.1
2, 5, 10
300
10 to 22M
1, 2, 5, 10
100, 200, 300
RCWP0402..69
04008
0402
0.05
30
1 to 9.1
2, 5, 10
300
10 to 22M
1, 2, 5, 10
100, 200, 300
RCWP0502..69
94025
0502
0.05
40
1 to 9.1
2, 5, 10
300
10 to 22M
1, 2, 5, 10
100, 200, 300
RCWP0603..69
04009
0603
0.10
50
1 to 5.6
2, 5, 10
300
5.62 to 22M
1, 2, 5, 10
100, 200, 300
RCWP0550..69
94012
0505
0.125
40
1 to 9.1
2, 5, 10
300
10 to 22M
1, 2, 5, 10
100, 200, 300
RCWP0575..69
94015
0705 (3)
0.15
50
1 to 5.6
2, 5, 10
300
5.62 to 22M
1, 2, 5, 10
100, 200, 300
RCWP5100..69
94013
1005
0.20
75
1 to 5.6
2, 5, 10
300
5.62 to 22M
1, 2, 5, 10
100, 200, 300
RCWP1206..69
94016
1206
0.25
100
1 to 5.6
2, 5, 10
300
5.62 to 22M
1, 2, 5, 10
100, 200, 300
RCWP5150..69
94026
1505
0.35
125
1 to 5.6
2, 5, 10
300
5.62 to 22M
1, 2, 5, 10
100, 200, 300
RCWP1100..69
94019
1010
0.50
75
1 to 5.6
2, 5, 10
300
5.62 to 22M
1, 2, 5, 10
100, 200, 300
RCWP7225..69
94014
2208
0.60
175
1 to 5.6
2, 5, 10
300
5.62 to 22M
1, 2, 5, 10
100, 200, 300
RCWP2010..69
94017
2010
0.80
150
1 to 5.6
2, 5, 10
300
5.62 to 22M
1, 2, 5, 10
100, 200, 300
RCWP2512..69
94018
2512
1.00
200
1 to 5.6
2, 5, 10
300
5.62 to 22M
1, 2, 5, 10
100, 200, 300
P
x R


Similar Part No. - RCWPMR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWPM VISHAY-RCWPM Datasheet
92Kb / 2P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
15-Oct-15
RCWPM VISHAY-RCWPM Datasheet
106Kb / 4P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
25-Jul-08
RCWPM-0302 VISHAY-RCWPM-0302 Datasheet
106Kb / 4P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
25-Jul-08
RCWPM-0402 VISHAY-RCWPM-0402 Datasheet
106Kb / 4P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
25-Jul-08
RCWPM-0402 VISHAY-RCWPM-0402 Datasheet
59Kb / 3P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
30-Aug-06
More results

Similar Description - RCWPMR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWP VISHAY-RCWP Datasheet
221Kb / 3P
Thick Film Chip Resistors, Industrial
05-Oct-05
logo
NIC-Components Corp.
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
Sulfur Resistant Thick Film Chip Resistors
NRCS NIC-NRCS Datasheet
112Kb / 4P
Sulfur Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCWPNM VISHAY-RCWPNM Datasheet
102Kb / 4P
Thick Film Chip Resistors, Non-Magnetic, Industrial
23-Feb-15
logo
Bourns Electronic Solut...
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCA-IFE3 VISHAY-RCA-IFE3 Datasheet
135Kb / 10P
Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
14-Sep-16
RCA-AUE4 VISHAY-RCA-AUE4 Datasheet
122Kb / 8P
Sulfur Resistant, Gold Terminated Thick Film Chip Resistors for Conductive Gluing
01-Dec-15
RCA-IFE3 VISHAY-RCA-IFE3_V01 Datasheet
132Kb / 10P
Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
04-Jul-2022
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
Sulfur Resistant Thick Film Chip Resistors
04-Jul-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com