Electronic Components Datasheet Search
  English  ▼

X  

RCWPMR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCWPMR
Description  Thick Film Chip Resistors, Industrial, Moisture Resistant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCWPMR Datasheet(HTML) 2 Page - Vishay Siliconix

  RCWPMR Datasheet HTML 1Page - Vishay Siliconix RCWPMR Datasheet HTML 2Page - Vishay Siliconix RCWPMR Datasheet HTML 3Page - Vishay Siliconix RCWPMR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RCWP Moisture Resistant
www.vishay.com
Vishay Dale
Revision: 21-Feb-14
2
Document Number: 31007
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• For additional information on packaging, refer to the Surface Mount Resistor Packaging document (www.vishay.com/doc?31543).
(4) Tape and reel packaging with plastic tape standard for all case sizes except 0201. For the 0201 case size, the product is only offered in tape
and reel packaging with paper tape.
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: RCWP510010K0GMWB69 (preferred part numbering format)
GLOBAL
MODEL
RESISTANCE
VALUE
TOLERANCE
CODE
TEMPERATURE
COEFFICIENT
PACKAGING CODE (1)
SPECIAL
(See Standard
Electrical
Specifications
table)
R =
K = k
M = M
10R0 = 10
1K30 = 1.3 k
1M00 = 1.0 M
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
K = 100 ppm
N = 200 ppm
M = 300 ppm
TP = Tin/lead, T/R, plastic tape
(full reel; all sizes except 0201)
S3 = Tin/lead, T/R, plastic tape
(1000 pieces; all sizes except 0201)
WB = Tin/lead, waffle tray
S2 = Tin/lead, T/R, plastic tape
(500 pieces; all sizes except 0201)
S6 = Tin/lead, T/R, plastic tape
(300 pieces; all sizes except 0201)
UA = Tin/lead, T/R, paper tape
(full reel; 0201 only)
UD = Tin/lead, T/R, paper tape
(1000 pieces; 0201 only)
UC = Tin/lead, T/R, paper tape
(500 pieces; 0201 only)
UB = Tin/lead, T/R, paper tape
(300 pieces; 0201 only)
69 = Moisture
resistant
DERATING CURVE
MATERIAL SPECIFICATIONS
Resistive element
Ruthenium oxide
Encapsulation
Epoxy
Substrate
96 % alumina
Termination
Solder-coated nickel barrier
Solder finish
Tin/lead solder alloy
- 55
- 25
0
2550
75
100
125
150 175
120
100
80
60
40
20
0
Ambient Temperature in °C
70
C
W
P
51001
0
R
K0
G
M
W
B
69



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com