Electronic Components Datasheet Search
  English  ▼

X  

MT8941 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8941
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8941 Datasheet HTML 1Page - Mitel Networks Corporation MT8941 Datasheet HTML 2Page - Mitel Networks Corporation MT8941 Datasheet HTML 3Page - Mitel Networks Corporation MT8941 Datasheet HTML 4Page - Mitel Networks Corporation MT8941 Datasheet HTML 5Page - Mitel Networks Corporation MT8941 Datasheet HTML 6Page - Mitel Networks Corporation MT8941 Datasheet HTML 7Page - Mitel Networks Corporation MT8941 Datasheet HTML 8Page - Mitel Networks Corporation MT8941 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
3-43
®
Features
•
Provides T1 clock at 1.544 MHz locked to an 8
kHz reference clock (frame pulse)
•
Provides CEPT clock at 2.048 MHz and ST-
BUS clock and timing signals locked to an
internal or external 8 kHz reference clock
•
Typical inherent output jitter (unfiltered)= 0.07
UI peak-to-peak
•Typical jitter attenuation at: 10 Hz=23 dB,100
Hz=43 dB, 5 to 40 kHz
≥ 64 dB
•
Jitter-free “FREE-RUN” mode
•
Uncommitted two-input NAND gate
•
Low power CMOS technology
Applications
•
Synchronization
and
timing
control
for T1
and CEPT digital trunk transmission links
•
ST- BUS clock and frame pulse source
Description
The MT8941 is a dual digital phase-locked loop
providing the timing and synchronization signals for
the T1 or CEPT transmission links and the ST-BUS.
The first PLL provides the T1 clock (1.544 MHz)
synchronized to the input frame pulse at 8 kHz. The
timing signals for the CEPT transmission link and the
ST-BUS are provided by the second PLL locked to
an internal or an external 8 kHz frame pulse signal.
The MT8941 offers improved jitter performance over
the MT8940. The two devices also have some
functional differences, which are listed in the section
on “Differences between MT8941 and MT8940”.
Ordering Information
MT8941AE
24 Pin Plastic DIP
MT8941AP
28 Pin PLCC
-40°C to +85°C
Figure 1 - Functional Block Diagram
F0i
C12i
MS0
MS1
MS2
MS3
C8Kb
C16i
Ai
Bi
Yo
VDD
VSS
RST
CVb
CV
ENCV
F0b
C4b
C4o
ENC4o
C2o
C2o
ENC2o
2:1 MUX
Variable
Clock
Control
Mode
Selection
Logic
DPLL #2
Input
Selector
Clock
Generator
Frame Pulse
Control
4.096 MHz
Clock
Control
2.048 MHz
Clock
Control
DPLL #1
ISSUE 5
July 1993
MT8941
Advanced T1/CEPT Digital Trunk PLL
CMOS ST-BUS
™ FAMILY


Similar Part No. - MT8941

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
Advanced T1/CEPT Digital Trunk PLL
logo
Mitel Networks Corporat...
MT8941B MITEL-MT8941B Datasheet
131Kb / 22P
CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8941BE MITEL-MT8941BE Datasheet
131Kb / 22P
CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
logo
Zarlink Semiconductor I...
MT8941BE ZARLINK-MT8941BE Datasheet
491Kb / 27P
Advanced T1/CEPT Digital Trunk PLL
logo
Mitel Networks Corporat...
MT8941BP MITEL-MT8941BP Datasheet
131Kb / 22P
CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
More results

Similar Description - MT8941

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8940-1 MITEL-MT8940-1 Datasheet
132Kb / 19P
ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
MT8940 MITEL-MT8940 Datasheet
299Kb / 16P
ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
MT8941B MITEL-MT8941B Datasheet
131Kb / 22P
CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8940AC MITEL-MT8940AC Datasheet
204Kb / 16P
T1/CEPT Digital Trunk PLL
logo
Zarlink Semiconductor I...
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
Advanced T1/CEPT Digital Trunk PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com