Electronic Components Datasheet Search
  English  ▼

X  

MT8941 Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # MT8941
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941 Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button MT8941 Datasheet HTML 10Page - Mitel Networks Corporation MT8941 Datasheet HTML 11Page - Mitel Networks Corporation MT8941 Datasheet HTML 12Page - Mitel Networks Corporation MT8941 Datasheet HTML 13Page - Mitel Networks Corporation MT8941 Datasheet HTML 14Page - Mitel Networks Corporation MT8941 Datasheet HTML 15Page - Mitel Networks Corporation MT8941 Datasheet HTML 16Page - Mitel Networks Corporation MT8941 Datasheet HTML 17Page - Mitel Networks Corporation MT8941 Datasheet HTML 18Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MT8941 CMOS
3-56
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 14 - Timing Information for DPLL #1 in NORMAL Mode
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
AC Electrical Characteristics†- Voltages are with respect to ground (V
SS) unless otherwise stated. (Refer to Figure 14)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
D
P
L
L
#1
CVb output (1.544 MHz) rise
time
tr1.5
6ns
85 pF Load
2
CVb output (1.544 MHz) fall
time
tf1.5
6
ns
85 pF Load
3
CVb output (1.544 MHz) clock
period
tP15
607
648
689
ns
4
CVb output (1.544 MHz) clock
width (HIGH)
tW15H
318
324
ns
5
CVb output (1.544 MHz) clock
width (LOW)
tW15L
277
363
ns
6CV delay (HIGH to LOW)
t15HL
010
ns
7CV delay (LOW to HIGH)
t15LH
-7
3
ns
AC Electrical Characteristics†- Voltages are with respect to ground (V
SS) unless otherwise stated. (Refer to Figure 15)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
D
P
L
L
#1
C8Kb output (8kHz) delay
(HIGH to HIGH)
tC8HH
0
10
25
ns
85 pF Load
2
C8Kb output (8 kHz) delay
(LOW to LOW )
tC8LL
2
13
34
ns
85 pF Load
3
C8Kb output duty cycle
66
50
%
%
In Divide -1 Mode
In Divide - 2 Mode
4
Inverted clock output delay
(HIGH to LOW )
tICHL
010
25
ns
5
Inverted clock output delay
(LOW to HIGH)
tICLH
0
7
18
ns
CVb
CV
VOH
VOL
VOH
VOL
tf1.5
t15HL
t15LH
tr1.5
tP15
tW15H
tW15L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com