Electronic Components Datasheet Search
  English  ▼

X  

CDT3398 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # CDT3398
Description  ?덁림?㎩댍IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3398 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  CDT3398 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3398 Datasheet HTML 2Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDT3398-03
2
1
1
CDT-3398
P 2
燈串控制 IC
■
4.5VDC
應用線路
■
12VDC
應用線路
220K
VDD
KEY
ZC
OSCO
- -
OSCI
- -
L4
VSS
L3
- -
L2
TEST
L1
14
2
13
3
12
4
11
5
10
6
9
7
8
L1
LAMP STRINGS
CDT33983
KEY
220K
L2
L3
L4
LAMP STRINGS
VDD
KEY
ZC
OSCO
- -
OSCI
- -
L4
VSS
L3
- -
L2
TEST
L1
14
2
13
3
12
4
11
5
10
6
9
7
8
L1
CDT33983
KEY
L2
L3
L4
ZD
4.3V
A13
A13
A13
A13
A13
A13
A13
A13
470



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com