Electronic Components Datasheet Search
  English  ▼

X  

MT8952BC Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT8952BC
Description  ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8952BC Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT8952BC Datasheet HTML 13Page - Mitel Networks Corporation MT8952BC Datasheet HTML 14Page - Mitel Networks Corporation MT8952BC Datasheet HTML 15Page - Mitel Networks Corporation MT8952BC Datasheet HTML 16Page - Mitel Networks Corporation MT8952BC Datasheet HTML 17Page - Mitel Networks Corporation MT8952BC Datasheet HTML 18Page - Mitel Networks Corporation MT8952BC Datasheet HTML 19Page - Mitel Networks Corporation MT8952BC Datasheet HTML 20Page - Mitel Networks Corporation MT8952BC Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ISO-CMOS
MT8952B
3-77
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* Outputs unloaded. Input pins 12 and 25 clocked at 2048 kHz. All other inputs at VSS.
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
Supply voltage
VDD
-0.3
7.0
V
2
Voltage on any pin (other than supply pins)
VI
VSS-0.3
VDD+0.3
V
3
Current on any pin (other than supply pins)
II / IO
±25
mA
4
DC Supply or ground current
IDD / ISS
±50
mA
5
Storage temperature
TST
-65
150
°C
6
Package power dissipation
Cerdip
PD
1.0
W
Plastic
PD
0.6
W
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply Voltage
VDD
4.75
5.0
5.25
V
2
Input HIGH voltage
VIH
2.4
VDD
V
For a Noise Margin of 400
mV
3
Input LOW voltage
VIL
VSS
0.4
V
For a Noise Margin of 400
mV
4
Frequency of operation
fCL
5.0
MHz
When clock input is at twice
the bit rate.
5
Operating temperature
TA
-40
25
85
°C
DC Electrical Characteristics - Voltages are with respect to ground (VSS) unless otherwise stated.
VDD=5V±5%, VSS=0V, TA=-40 to 85°C.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply Current (Quiescent)
IDD
110
µA
Outputs unloaded and
clock input (CKi) grounded
2
Supply current (Operational)
IDD
0.4
1.0
mA
*See below
3
I
N
P
U
T
Input HIGH voltage
VIH
2.0
V
4
Input LOW voltage
VIL
0.8
V
5
Input leakage current
IIZ
10
µA
6
Input capacitance
Cin
10
pF
7
HIGH switching point for
Schmitt Trigger (RST) input
VT+
4.0
V
8
LOW switching point for
Schmitt Trigger (RST) input
VT-
1.0
V
9
Hysteresis on Schmitt Trigger
(RST) input
VH
0.5
V
10
O
U
T
P
U
T
Output HIGH current (on all
the outputs except IRQ)
IOH
-5
-16
mA
VOH=2.4 V
11
Output LOW current (on all
the outputs including IRQ)
IOL
510
mA
VOL=0.4 V
12
Output capacitance
Co
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com