Electronic Components Datasheet Search
  English  ▼

X  

RTOP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RTOP
Description  Power Resistors for Mounting onto a Heatsink Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RTOP Datasheet(HTML) 3 Page - Vishay Siliconix

  RTOP_15 Datasheet HTML 1Page - Vishay Siliconix RTOP_15 Datasheet HTML 2Page - Vishay Siliconix RTOP_15 Datasheet HTML 3Page - Vishay Siliconix RTOP_15 Datasheet HTML 4Page - Vishay Siliconix RTOP_15 Datasheet HTML 5Page - Vishay Siliconix RTOP_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RTOP
www.vishay.com
Vishay Sfernice
Revision: 09-Nov-15
3
Document Number: 50045
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDATIONS FOR MOUNTING ONTO A HEATSINK
• Surfaces in contact must be carefully cleaned.
• The heatsink must have an acceptable flatness: From 0.05 mm to 0.1 mm/100 mm.
• Roughness of the heatsink must be around 6.3 μm. In order to improve thermal conductivity, surfaces in contact (alumina,
heatsink) should be coated with a silicone grease (type SI 340 from Rhône-Poulenc or Dow 340 from Dow Corning).
• For the electrical connections, it is recommended to use M4 x 6 screws and if necessary a washer of 1mm thickness. The
recommended screw tightening torque is 1 Nm.
CHOICE OF THE HEATSINK
The user must choose the heatsink according to the working conditions of the component (power, room temperature).
Maximum working temperature must not exceed 125 °C. The dissipated power is simply calculated by the following ratio:
P:
Expressed in W
T:
Difference between maximum working temperature and room temperature.
RTH (j - c): Thermal resistance value measured between resistive layer and outer side of the resistor. It is the thermal
resistance of the component (see table Special Features).
RTH (c - h): Thermal resistance value measured between outer side of the resistor and upper side of the heatsink.
This is the thermal resistance of the interface (grease, thermal pad), and the quality of the fastening device.
RTH (h - a): Thermal resistance of the heatsink.
Example:
RTH (c - a): For RTOP 200 power rating 130 W at ambient temperature + 30 °C.
Thermal resistance (see table 1) RTH (j - c): 0.5 °C/W
T = 125 °C - 30 °C  95 °C 
RTH (j - c) + RTH (c - h) + RTH (h - a) =
=
= 0.73 °C/W
RTH (j - c) = 0.112 °C/W
RTH (c - h) + RTH (h - a) = 0.73 °C/W - 0.5 °C/W  0.23 °C/W
Tightening Torque on Heatsink
RTOP
2 Nm
P
T
R
TH (j - c)
R
TH (c - h)
R
TH (h - a)
++
-------------------------------------------------------------------------------------------
=
T
P
-------
95
130
--------



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com