Electronic Components Datasheet Search
  English  ▼

X  

RTOP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RTOP
Description  Power Resistors for Mounting onto a Heatsink Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RTOP Datasheet(HTML) 4 Page - Vishay Siliconix

  RTOP_15 Datasheet HTML 1Page - Vishay Siliconix RTOP_15 Datasheet HTML 2Page - Vishay Siliconix RTOP_15 Datasheet HTML 3Page - Vishay Siliconix RTOP_15 Datasheet HTML 4Page - Vishay Siliconix RTOP_15 Datasheet HTML 5Page - Vishay Siliconix RTOP_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RTOP
www.vishay.com
Vishay Sfernice
Revision: 09-Nov-15
4
Document Number: 50045
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OVERLOADS
The applied power is 2.5 x rated power for 5 s with a max.
voltage of 2 x nominal voltage.
Accidental overload: The values indicated in the graph
below are applicable to resistors in air or mounted onto a
heatsink.
In case of multi-resistor devices, (DRTOP, TROP and QROP)
the results apply to each resistor value in the device.
ENERGY CURVE
POWER CURVE
MARKING
Series,
style,
ohmic
value
(in),
tolerance
(in
%),
manufacturing date, Vishay Sfernice trademark.
POWER RATING
The temperature of the heater should be maintained in the
limit specified. To improve the thermal conductivity,
surfaces in contact should be laid on with a silicon grease
and the torque applied on the screw for tightening should be
around 2 Nm.
0.01
0.1
1
10
100
1000
OVERLOAD DURATION IN s
RTOP
DRTOP
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
100
1000
10 000
100 000
1 000 000
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
OVERLOAD DURATION IN s
RTOP
DRTOP
PACKAGING
Box of 10 units
0
20
40
60
80
100
120
140
0
20
40
60
80
100
HEATSINK TEMPERATURE IN °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com