Electronic Components Datasheet Search
  English  ▼

X  

RV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RV
Description  CECC 40401-010 Qualified Thin Film Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RV Datasheet(HTML) 1 Page - Vishay Siliconix

  RV Datasheet HTML 1Page - Vishay Siliconix RV Datasheet HTML 2Page - Vishay Siliconix RV Datasheet HTML 3Page - Vishay Siliconix RV Datasheet HTML 4Page - Vishay Siliconix RV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RV
www.vishay.com
Vishay Sfernice
Revision: 21-Jun-14
1
Document Number: 60022
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CECC (
) 40401-010 Qualified Thin Film Chip Resistors
Utilizing proven expertise in Thin Film resistors, VISHAY
provides a CECC qualified chip with the same reliability
and stability found in QPL resistors. These chips are
available in a wide range of sizes, values and performance
characteristics.
CONSTRUCTION
FEATURES
• Nickel barrier for high temperature operating
conditions
• Tight TCR < 10 ppm/°C, and in lot tracking
< 5 ppm/°C in (-55 °C, +155 °C temperature
range)
• Very low noise < 35 dB and voltage coefficient
0.1 ppm/V
•Non-inductive
• Laser trimmed down to 0.1 %
• Wraparound resistance less than 0.01
• Antistatic waffle-pack or tape and reel packaging
available
• High stability (0.05 % - 1000 h at Pn at +70 °C)
• Withstand moisture resistance test of AEC-Q200
• Conform to EN 140401 804
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
Notes
(1) Extended resistance range on request
(2) For ohmic range versus tolerance and TCR, see detailed table
Note
(3) Rn: Nominal resistance
Passivated NiCr
resistance film
Adhesion layer
High purity
alumina substrate
Nickel barrier
Solder
coating
Passivation
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE (1) (2)
RATED POWER
Pn
W
LIMITING
ELEMENT
VOLTAGE (UL)
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
RV
0505
100 to 260K
0.125
50
0.1, 0.5, 1, 2, 5
10, 25
RV
0603
100 to 260K
0.125
50
0.1, 0.5, 1, 2, 5
10, 25
RV
0805
100 to 300K
0.200
50
0.1, 0.5, 1, 2, 5
10, 25
RV
1206
100 to 1M
0.330
75
0.1, 0.5, 1, 2, 5
10, 25
CLIMATIC SPECIFICATIONS
Operating temperature range
-55 °C to +155 °C
Storage temperature range
-55 °C to +155 °C
MECHANICAL SPECIFICATIONS
Resistive material
Nichrome
Substrate material
Alumina
Plating
Tin lead over nickel or tin silver
over nickel or gold over nickel
Marking resistance to solvents
Per CECC Specs
OHMIC RANGE VS. TOLERANCE AND TCR
CASE SIZE
OHMIC RANGE
TOLERANCE
%
TCR
ppm/°C
0505
100 < 500
0.5; 1; 2; 5
10, 25
0505
500 to 260K
0.1; 0.5; 1; 2; 5
10, 25
0603
100 < 500
0.5; 1; 2; 5
10, 25
0603
500 to 260K
0.1; 0.5; 1; 2; 5
10, 25
0805
100 < 500
0.5; 1; 2; 5
10, 25
0805
500 to 300K
0.1; 0.5; 1; 2; 5
10, 25
1206
100 < 500
0.5; 1; 2; 5
10, 25
1206
500 to 1M
0.1; 0.5; 1; 2; 5
10, 25
TECHNICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Absolute TCR
E: ± 25 ppm/°C
Y: ± 10 ppm/°C
-55 °C to +155 °C
Absolute tolerance
± 0.1 %, ± 0.5 %, ± 1 %, ± 2 %, ± 5 % (R
 500 )
± 0.5 %, ± 1 %, ± 2 %, ± 5 % (R
 100 )
Voltage coefficient
0.1 ppm/V
Noise
-35 dB typical
Thermal EMF
< 0.1 μV/°C
Load life stability
± (0.1 % Rn (3) ± 0.05
)
1000 h Pn at +70 °C


Similar Description - RV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
Thin Film Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
VMN-PT9192-1302 VISHAY-VMN-PT9192-1302 Datasheet
635Kb / 2P
Automotive Qualified Professional and Precision Thin Film Chip Resistors
21-Jan-13
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
Thin Film Precision Chip Resistors
logo
Vishay Siliconix
CHA VISHAY-CHA Datasheet
175Kb / 12P
AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
27-Apr-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com