Electronic Components Datasheet Search
  English  ▼

X  

RV Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RV
Description  CECC 40401-010 Qualified Thin Film Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RV Datasheet(HTML) 3 Page - Vishay Siliconix

  RV Datasheet HTML 1Page - Vishay Siliconix RV Datasheet HTML 2Page - Vishay Siliconix RV Datasheet HTML 3Page - Vishay Siliconix RV Datasheet HTML 4Page - Vishay Siliconix RV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RV
www.vishay.com
Vishay Sfernice
Revision: 21-Jun-14
3
Document Number: 60022
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING CURVE
PACKAGING INFORMATION
SIZE
NUMBER OF PIECES PER PACKAGE
WAFFLE PACK
(2" x 2")
TAPE AND REEL
TAPE
WIDTH
Min.
Max.
0505
100
100
4000
8 mm
(0.315”)
0603
5000
0805
100
4000
1206
140
070
20
40
60
80
100
120
140 155
0
20
40
60
80
100
Ambient Temperature in °C
125
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RV0505E1001DBT0099
GLOBAL
MODEL
SIZE
TCR
VALUE
TOLERANCE
TERMINATION
PACKAGING
OPTION
0505
0603
0805
1206
E = ± 25 ppm/°C
Y = ± 10 ppm/°C
The first 3 digits
(2 digits are enough
for tolerance G and J)
are significant figures
and the last digit
specifies the number
of zeros to follow.
R designates
decimal point
10R0 = 10
3901 = 3900
1004 = 1 M
B = ± 0.1 %
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
B: SnPb over
nickel barrier
N: SnAg over
nickel barrier
G: Gold over
nickel barrier
For more
information
see
“Codification
of packaging”
table
Leave blank
if no option
B: Lead bearing version
N and G: Lead (Pb)-free / RoHS version
Historical Part Number example: RV 0505 25PPM 1K 0.5 % B TR R1016
PART NUMBER DESCRIPTION (for information only)
RV
0505
25 PPM
1K
0.5 %
B
TR
R1016
MODEL
SIZE
TCR
OHMIC VALUE
TOLERANCE
TERMINATION
PACKAGING
OPTION
V
050
5
E
1
0
0
R
1D
B
T
0
099



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com