Electronic Components Datasheet Search
  English  ▼

X  

MT8976 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8976
Description  ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8976 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8976 Datasheet HTML 1Page - Mitel Networks Corporation MT8976 Datasheet HTML 2Page - Mitel Networks Corporation MT8976 Datasheet HTML 3Page - Mitel Networks Corporation MT8976 Datasheet HTML 4Page - Mitel Networks Corporation MT8976 Datasheet HTML 5Page - Mitel Networks Corporation MT8976 Datasheet HTML 6Page - Mitel Networks Corporation MT8976 Datasheet HTML 7Page - Mitel Networks Corporation MT8976 Datasheet HTML 8Page - Mitel Networks Corporation MT8976 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MT8976 ISO-CMOS
4-30
Figure 2 - Pin Connections
.
Pin Description
Pin #
Name
Description
DIP
PLCC
12
TxA
Transmit A Output. Unipolar output that can be used in conjunction with TxB and
external line driver circuitry to generate the bipolar DS1 signal.
23
TxB
Transmit B Output. Unipolar output that can be used in conjunction with TxA and
external line driver circuitry to generate the bipolar DS1 signal.
35
DSTo
Data ST-BUS Output. A 2048 kbit/s serial output stream which contains the 24
PCM or data channels received from the DS1 line.
44
NC
No Connection.
59
RxA
Receive A Complementary Input. Accepts a unipolar split phase signal decoded
externally from the received DS1 bipolar signal. This input, in conjunction with RxB,
detects bipolar violations in the received signal.
610
RxB
Receive B Complementary Input. Accepts a unipolar split phase signal decoded
externally from the received DS1 bipolar signal. This input, in conjunction with RxA,
detects bipolar violations in the received signal.
711
RxD
Receive Data Input. Unipolar RZ data signal decoded from the received DS1
signal. Generally the signals input at RxA and RxB are combined externally with a
NAND gate and the resulting composite signal is input at this pin.
8
13
CSTi1
Control ST-BUS Input #1. A 2048 kbit/s serial control stream which carries 24 per-
channel control words.
914
TxFDL
Transmit Facility Data Link (Input). A 4 kHz serial input stream that is multiplexed
into the FDL position in the ESF mode, or the Fs pattern when in SLC-96 mode. It is
clocked in on the rising edge of TxFDLClk.
10
16
TxFDLClk
Transmit Facility Data Link Clock (Output). A 4 kHz clock used to clock in the FDL
data.
11
NC
No connection.
C1.5i
RxSF
TxSF
NC
NC
C2i
NC
NC
NC
NC
RxFDL
NC
NC
RxA
RxB
RxD
NC
CSTi1
TxFDL
NC
TxFDLClk
NC
28 PIN CERDIP/PDIP
TxA
TxB
DSTo
NC
RxA
RxB
RxD
CSTi1
TxFDL
TxFDLClk
NC
CSTi0
E8Ko
VSS
VDD
IC
F0i
E1.5i
C1.5i
RxSF
TxSF
C2i
RxFDL
DSTi
RxFDLClk
CSTo
XSt
XCtl
1
65432
44 43 42 41 40
7
8
9
10
11
12
13
14
15
16
39
38
37
36
35
34
33
32
31
30
23
18 19 20 21 22
24 25 26 27 28
17
29
44 PIN PLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com