Electronic Components Datasheet Search
  English  ▼

X  

MT8976 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT8976
Description  ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8976 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT8976 Datasheet HTML 3Page - Mitel Networks Corporation MT8976 Datasheet HTML 4Page - Mitel Networks Corporation MT8976 Datasheet HTML 5Page - Mitel Networks Corporation MT8976 Datasheet HTML 6Page - Mitel Networks Corporation MT8976 Datasheet HTML 7Page - Mitel Networks Corporation MT8976 Datasheet HTML 8Page - Mitel Networks Corporation MT8976 Datasheet HTML 9Page - Mitel Networks Corporation MT8976 Datasheet HTML 10Page - Mitel Networks Corporation MT8976 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ISO-CMOS
MT8976
4-35
Table 1. Master Control Word 1 (Channel 15, CSTi0)
Bit
Name
Description
7
Debounce
When set the received A, B, C and D signalling bits are reported directly in the per channel
status words output at CSTo. When clear, the signalling bits are debounced for 6 to 9 ms
before they are placed on CSTo.
6
TSPZCS
Transparent Zero Code Suppression. When this bit is set, no zero code suppression is
implemented.
5
B8ZS
Binary Eight Zero Suppression. When this bit is set, B8ZS zero code suppression is
enabled. When clear, bit 7 in data channels containing all zeros is forced high before being
transmitted on the DS1 side. This bit is inactive if the TSPZCS bit is set.
4
8KHSel
8 kHz Output Select. When set, the E8Ko pin is held high. When clear, the E8Ko
generates an 8 kHz output derived from the E1.5i or C1.5 clock (see Pin Description for
E8Ko).
3
XCtl
External Control Pin. When set, the XCtl pin is held high. When clear, XCtl is held low.
2
ESFYLW
ESF Yellow Alarm. Valid only in ESF mode. When set, a sequence of eight 1’s followed
by eight 0’s is sent in the FDL bit positions. When clear, the FDL bit contains data input at
the TxFDL pin.
1
Robbed bit
When this bit is set, robbed bit signalling is disabled on all DS0 transmit channels. When
clear, A, B, C and D signalling bit insertion in bit 8 for all DS0 transmit channels in every 6th
frame is enabled.
0
YLALR
Yellow Alarm. When set, bit 2 of all DS1 channels is set low. When clear, bit 2 operates
normally.
to the CRC received in the next multiframe. The
device will not declare itself to be in synchronization
unless a valid framing pattern in the S-bit is detected
and a correct CRC is received. The CRC check in
this case provides protection against false framing.
The CRC check can be turned off by setting bit 1 in
Master Control Word 2.
The device can be forced to resynchronize itself. If
Bit 3 in Master Control Word 2 is set for one frame
and then subsequently reset, the device will start to
search for a new frame position. The decision to
reframe is made by the user’s system processor on
the basis of the status conditions detected in the
received master status words. This may include
consideration of the number of errors in the received
CRC
in
conjunction with
an indication
of the
presence of a mimic. When the device attains
synchronization the mimic bit in Master Status Word
1 is set if the device found another possible
candidate when it was searching for the framing
pattern.
Note that the device will resynchronize automatically
if the errors in the terminal framing pattern (FT or
FPS) exceed the threshold set with bit 0 in Master
Control Word 2.
Standard D3/D4 framing is enabled when bit 4 of
Master Control Word 2 is reset (logic 0).
In this
mode the device searches for and inserts the
framing pattern shown in Table 4. This mode only
supports AB bit signalling, and does not contain a
CRC check.
The CRC/MIMIC bit in Master Control Word 2, when
set high, allows the device to synchronize in the
presence of a mimic. If this bit is reset, the device will
not synchronize in the presence of a mimic (Also,
refer to section on Framing algorithm).
In the D3/D4 mode the device can also be made
compatible with SLC-96 by setting bit two of Master
Control Word 2. This allows the user to insert and
extract the signalling framing pattern on the DS1 bit
stream using the FDL input and output pins. The
user must format this 4 kbits of information externally
to meet all of the requirements of the SLC-96
specification (see Table 5). The device multiplexes
and demultiplexes this information into the proper
position. This mode of operation can also be used for
any other application that uses all or part of the
signalling framing pattern. As long as the serial
stream clocked into the TxFDL contains two proper
sets of consecutive synchronization bits (as shown
in Table 5 for frames 1 to 24), the device will be able
to insert and extract the A, B signalling bits.
The
TxSF pin should be held high in this mode.
Superframe boundaries cannot be defined by a
pulse on this input. The RxSF output functions
normally and indicates the superframe boundaries
based on the synchronization pattern in the FS
received bit position.
Zero Code Suppression
The combination of bits 5 and 6 in Master Control
Word 1 allow one of three zero code suppression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com