Electronic Components Datasheet Search
  English  ▼

X  

TNPW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TNPW
Description  Lead (Pb)-Bearing High Stability Thin Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW Datasheet(HTML) 1 Page - Vishay Siliconix

  TNPW Datasheet HTML 1Page - Vishay Siliconix TNPW Datasheet HTML 2Page - Vishay Siliconix TNPW Datasheet HTML 3Page - Vishay Siliconix TNPW Datasheet HTML 4Page - Vishay Siliconix TNPW Datasheet HTML 5Page - Vishay Siliconix TNPW Datasheet HTML 6Page - Vishay Siliconix TNPW Datasheet HTML 7Page - Vishay Siliconix TNPW Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TNPW
www.vishay.com
Vishay
Revision: 24-Jan-14
1
Document Number: 31006
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Lead (Pb)-Bearing High Stability Thin Film Chip Resistors
TNPW High Stability Thin Film Chip Resistors are the perfect
choice for most fields of modern electronics where lead
(Pb)-bearing terminations are mandatory and reliability and
stability are of major concern.
FEATURES
• Metal film layer on high quality ceramic
• SnPb termination plating, Pb content > 6 %
• Excellent overall stability at different environmental
conditions
 0.05 % (1000 h rated power at 70 °C)
• Low temperature coefficient and tight tolerances (± 0.1 %;
± 10 ppm/K)
• Single lot date code available
APPLICATIONS
• Military
•Avionics
• Industrial
Notes
(1) The detail specification EN140401-801 does not cover this product size.
(2) Rated voltage
. The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat
flow support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is not
exceeded.
(3) Measuring conditions in accordance with EN 140401-801.
TECHNICAL SPECIFICATIONS
DESCRIPTION
TNPW0402
TNPW0603
TNPW0805
TNPW1206
TNPW1210 (1)
Imperial size
0402
0603
0805
1206
1210
Metric size code
RR1005M
RR1608M
RR2012M
RR3216M
RR3225M
Resistance range
10
 to 100 k
10
 to 332 k
10
 to 1 M
10
 to 2 M
10
 to 3.01 M
Resistance tolerance
± 1 %; ± 0.5 %; ± 0.1 %
Temperature coefficient
± 50 ppm/K; ± 25 ppm/K; ± 15 ppm/K; ± 10 ppm/K
Climatic category (LCT/UCT/days)
55/125/56
55/125/56
55/125/56
55/125/56
55/125/56
Rated dissipation, P70 (2)
0.063 W
0.1 W
0.125 W
0.25 W
0.33 W
Operating voltage, Umax. ACRMS or DC
50 V
75 V
150 V
200 V
200 V
Permissible film temperature,
F max.
155 °C
Operating Temperature Range
-55 °C to 125 °C (155 °C)
Thermal resistance (3)
870 K/W
550 K/W
440 K/W
220 K/W
170 K/W
Insulation voltage:
Uins 1 min
75 V
100 V
200 V
300 V
300 V
Continuous
75 V
75 V
75 V
75 V
75 V
Failure rate: FITobserved
 0.3 x 10-9/h
P x R


Similar Part No. - TNPW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW VISHAY-TNPW Datasheet
85Kb / 4P
Thin Film, Rectangular, Resistor Chips
24-Jan-14
TNPW VISHAY-TNPW Datasheet
313Kb / 14P
High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
High Stability Thin Film Flat Chip Resistors
12-May-16
TNPW0201-E3 VISHAY-TNPW0201-E3 Datasheet
340Kb / 14P
High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPW0201E3 VISHAY-TNPW0201E3 Datasheet
186Kb / 13P
High Stability Thin Film Flat Chip Resistors
21-Feb-2020
More results

Similar Description - TNPW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0805562RFKTA VISHAY-CRCW0805562RFKTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0603100RFKTA VISHAY-CRCW0603100RFKTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0805499KFKEA VISHAY-CRCW0805499KFKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW08050000ZSTA VISHAY-CRCW08050000ZSTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0805200KFKEA VISHAY-CRCW0805200KFKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0805100RFKTA VISHAY-CRCW0805100RFKTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW040256K2FKED VISHAY-CRCW040256K2FKED Datasheet
140Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW120675K0FKEA VISHAY-CRCW120675K0FKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW25122K40JNEG VISHAY-CRCW25122K40JNEG Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0402150KFKED VISHAY-CRCW0402150KFKED Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com