Electronic Components Datasheet Search
  English  ▼

X  

TNPW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TNPW
Description  Lead (Pb)-Bearing High Stability Thin Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW Datasheet(HTML) 2 Page - Vishay Siliconix

  TNPW Datasheet HTML 1Page - Vishay Siliconix TNPW Datasheet HTML 2Page - Vishay Siliconix TNPW Datasheet HTML 3Page - Vishay Siliconix TNPW Datasheet HTML 4Page - Vishay Siliconix TNPW Datasheet HTML 5Page - Vishay Siliconix TNPW Datasheet HTML 6Page - Vishay Siliconix TNPW Datasheet HTML 7Page - Vishay Siliconix TNPW Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TNPW
www.vishay.com
Vishay
Revision: 24-Jan-14
2
Document Number: 31006
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The products can be ordered using either the PRODUCT DESCRIPTION or the PART NUMBER.
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
TCR
TOLERANCE
RESISTANCE
E-SERIES
TNPW0402
±50 ppm/K
± 1 %
10
 to 100 k
E24; E96
±25 ppm/K
± 0.5 %
E24; E192
± 0.1 %
47
 to 100 k
±15 ppm/K
± 0.1 %
±10 ppm/K
± 0.1 %
TNPW0603
±50 ppm/K
± 1 %
10
 to 332 k
E24; E96
±25 ppm/K
± 0.5 %
E24; E192
± 0.1 %
±15 ppm/K
± 0.1 %
47
 to 332 k
±10 ppm/K
± 0.1 %
TNPW0805
±50 ppm/K
± 1 %
10
 to 1.0 M
E24; E96
±25 ppm/K
± 0.5 %
E24; E192
± 0.1 %
±15 ppm/K
± 0.1 %
47
 to 1.0 M
±10 ppm/K
± 0.1 %
TNPW1206
±50 ppm/K
± 1 %
10
 to 2.0 M
E24; E96
±25 ppm/K
± 0.5 %
E24; E192
± 0.1 %
±15 ppm/K
± 0.1 %
47
 to 2.0 M
±10 ppm/K
± 0.1 %
TNPW1210
±50 ppm/K
± 1 %
10
 to 3.01 M
E24; E96
±25 ppm/K
± 0.5 %
E24; E192
± 0.1 %
47
 to 2.13 M
±15 ppm/K
± 0.1 %
±10 ppm/K
± 0.1 %
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: TNPW12061K32DETA
TYPE/SIZE
RESISTANCE
TOLERANCE
TCR
PACKAGING
SPECIAL
TNPW0402
TNPW0603
TNPW0805
TNPW1206
TNPW1210
R = Decimal
K = Thousand
M = Million
(4 digits)
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
H = ± 50 ppm/K
E = ± 25 ppm/K
X = ± 15 ppm/K
Y = ± 10 ppm/K
TP
TD
CN
TA
TC
Blank = Standard
0H = Single lot
date code
Product Description: TNPW-1206 1.32K 0.5 % T-9 RT1
TNPW-1206
1.32K
0.5 %
T-9
RT1
TYPE/SIZE
RESISTANCE
TOLERANCE
TCR
PACKAGING
SPECIAL
TNPW-0402
TNPW-0603
TNPW-0805
TNPW-1206
TNPW-1210
Examples:
1K32 = 1320
99.68K = 99 680
360 = 360
± 0.1 %
± 0.5 %
± 1.0 %
T-2 = ± 50 ppm/K
T-9 = ± 25 ppm/K
T-10 = ± 15 ppm/K
T-13 = ± 10 ppm/K
TP1
RT7
R52
RT1
RT6
Blank = Standard
BV20545 =
Single lot date code
N
P
W
1
2
061
K
T
2D
ET
A
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com