Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM7301
Description  Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7301 Datasheet(HTML) 2 Page - ON Semiconductor

  LM7301 Datasheet HTML 1Page - ON Semiconductor LM7301 Datasheet HTML 2Page - ON Semiconductor LM7301 Datasheet HTML 3Page - ON Semiconductor LM7301 Datasheet HTML 4Page - ON Semiconductor LM7301 Datasheet HTML 5Page - ON Semiconductor LM7301 Datasheet HTML 6Page - ON Semiconductor LM7301 Datasheet HTML 7Page - ON Semiconductor LM7301 Datasheet HTML 8Page - ON Semiconductor LM7301 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LM7301
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
Output
Amplifier Output
2
VEE
Negative Power Supply
3
Non−inverting Input
Non−inverting Amplifier Input
4
Inverting Input
Inverting Amplifier Input
5
VCC
Positive Power Supply
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage Common Mode Range
VCM
VCC + 0.3 V, VEE − 0.3 V
V
Differential Input Voltage Range
Vdiff
15
V
Supply Voltage (VCC − VEE)
VS
35
V
Current at Input Pin
IIN
±10
mA
Current at Output Pin (Note 1)
IOUT
±20
mA
Current at Power Supply Pin
ICC
25
mA
Maximum Junction Temperature (Note 2)
TJ(max)
150
°C
Storage Temperature Range
TSTG
−65 to 150
°C
ESD Capability, Human Body Model (Note 3)
ESDHBM
2.5
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Applies to both single supply and split supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150
°C.
2. The maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable dissipation at any ambient temperature is PD
= (TJ(max) − TA)/qJA. All numbers apply for packages soldered directly to a printed circuit board.
3. Human Body Model, applicable std. MIL−STD−883, method 3015.7.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, SOT−5, 3 x 3.3 mm (Note 4)
qJA
333
°C/W
4. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate.
OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Supply Voltage
VS
1.8
32
V
Operating Temperature Range
TA
−40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com