Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM7301
Description  Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7301 Datasheet(HTML) 3 Page - ON Semiconductor

  LM7301 Datasheet HTML 1Page - ON Semiconductor LM7301 Datasheet HTML 2Page - ON Semiconductor LM7301 Datasheet HTML 3Page - ON Semiconductor LM7301 Datasheet HTML 4Page - ON Semiconductor LM7301 Datasheet HTML 5Page - ON Semiconductor LM7301 Datasheet HTML 6Page - ON Semiconductor LM7301 Datasheet HTML 7Page - ON Semiconductor LM7301 Datasheet HTML 8Page - ON Semiconductor LM7301 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM7301
http://onsemi.com
3
5.0 V DC ELECTRICAL CHARACTERISTICS Unless otherwise specified, all limits guaranteed for TA = 25°C, VCC = 5 V,
VEE = 0 V, VCM = mid−supply, and RL > 1 MW to mid−supply. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOS
Input Offset Voltage
0.03
6
mV
8
DVOS/DT
Input Offset Voltage Average Drift
2
mV/°C
IIB
Input Bias Current
VCM = 0 V
65
200
nA
250
VCM = 5 V
−55
−75
−85
IOS
Input Offset Current
VCM = 0 V
0.7
70
nA
80
VCM = 5 V
0.7
55
65
RIN
Input Resistance, Common Mode
0 V
≤ VCM ≤ 5 V
39
M
W
CMRR
Common Mode Rejection Ratio
0 V
≤ VCM ≤ 5 V
70
88
dB
67
0 V
≤ VCM ≤ 3.5 V
93
PSRR
Power Supply Rejection Ratio
2.2 V
≤ VS ≤ 30 V
87
104
dB
84
VCM
Input Common−Mode Voltage Range
CMRR
≥ 65 dB
5.1
V
−0.1
AV
Large Signal Voltage Gain
RL = 10 kW
Vo = 4.0 Vpp
82
97
dB
80
VOH
High Output Voltage Swing
RL = 10 kW
4.88
4.93
V
4.85
RL = 2 kW
4.8
4.87
4.78
VOL
Low Output Voltage Swing
RL = 10 kW
0.07
0.12
0.15
RL = 2 kW
0.14
0.2
0.22
ISC
Output Short Circuit Current
Sourcing
8
10.5
mA
5.5
Sinking
6
9.8
5
IS
Supply Current
RL = open
0.6
1.1
mA
1.24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com