Electronic Components Datasheet Search
  English  ▼

X  

MT8962AS Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # MT8962AS
Description  ISO2-CMOS Integrated PCM Filter Codec
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8962AS Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button MT8962AS Datasheet HTML 14Page - Mitel Networks Corporation MT8962AS Datasheet HTML 15Page - Mitel Networks Corporation MT8962AS Datasheet HTML 16Page - Mitel Networks Corporation MT8962AS Datasheet HTML 17Page - Mitel Networks Corporation MT8962AS Datasheet HTML 18Page - Mitel Networks Corporation MT8962AS Datasheet HTML 19Page - Mitel Networks Corporation MT8962AS Datasheet HTML 20Page - Mitel Networks Corporation MT8962AS Datasheet HTML 21Page - Mitel Networks Corporation MT8962AS Datasheet HTML 22Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MT8960/61/62/63/64/65/66/67 ISO2-CMOS
6-36
Figure 10 - Attenuation vs Frequency for Transmit (A/D) Filter
Figure 11 - Attenuation vs Frequency for Receive (D/A) Filter
Attenuation
Relative To
Attenuation
At 1 kHz (dB)
SCALE B
SCALE A
PASSBAND ATTENUATION
SCALE B
SCALE A
0
10
20
25
30
40
-0.125
0.35
1
2
3
4
0
5060 100
200
300
3000
3200 3300 3400
4000
4600
5000
10000
0.125
0.35
1
2
3
4
10
14
20
30
32
40
STOPBAND ATTENUATION
-0.125
-14
-18
SIN
SIN
∏(4000-F)
1200
∏(4000-F)
1200
- 1
-7/9
Note: Above function
crossover occurs
at 4000Hz.
FREQUENCY (Hz)
Attenuation
Relative To
Attenuation
At 1 kHz (dB)
0
1
2
3
4
SCALE A
PASSBAND ATTENUATION
SCALE B
SCALE A
0.125
0.35
1
2
3
4
-0.125
0
100
200
300
3000
3200 3300 3400
4000
4600
5000
10000
-14 SIN ∏(4000-F)
1200
- 1
STOPBAND ATTENUATION
FREQUENCY (Hz)
10
14
20
28
30
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com