Electronic Components Datasheet Search
  English  ▼

X  

MT8963AS Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8963AS
Description  ISO2-CMOS Integrated PCM Filter Codec
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8963AS Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8963AS Datasheet HTML 1Page - Mitel Networks Corporation MT8963AS Datasheet HTML 2Page - Mitel Networks Corporation MT8963AS Datasheet HTML 3Page - Mitel Networks Corporation MT8963AS Datasheet HTML 4Page - Mitel Networks Corporation MT8963AS Datasheet HTML 5Page - Mitel Networks Corporation MT8963AS Datasheet HTML 6Page - Mitel Networks Corporation MT8963AS Datasheet HTML 7Page - Mitel Networks Corporation MT8963AS Datasheet HTML 8Page - Mitel Networks Corporation MT8963AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
6-19
®
Features
•ST-BUS
™ compatible
•
Transmit/Receive filters & PCM Codec in one
I.C
•
Meets AT&T D3/D4 and CCITT G711 and G712
•
µ-Law: MT8960/62/64/67
•
A-Law: MT8961/63/65/67
•
Low power consumption:
Op.: 30 mW typ.
Stby.: 2.5 mW typ.
•
Digital Coding Options:
MT8964/65/66/67
CCITT Code
MT8960/61/62/63 Alternative Code
•
Digitally controlled gain adjust of both filters
•
Analog and digital loopback
•
Filters and codec independently user
accessible for testing
•
Powerdown mode available
•
2.048 MHz master clock input
•
Up to six uncommitted control outputs
•
±5V ±5% power supply
Description
Manufactured in ISO2-CMOS, these integrated filter/
codecs
are
designed
to
meet
the
demanding
performance needs of the digital telecommunications
industry,
e.g.,
PABX,
Central
Office,
Digital
telephones.
Ordering Information
MT8964/65AC
18 Pin Ceramic DIP
MT8960/61/64/65AE
18 Pin Plastic DIP
MT8962/63AE
20 Pin Plastic DIP
MT8962/63/66/67AS
20 Pin SOIC
0°C to+70°C
Figure 1 - Functional Block Diagram
ANUL
VX
SD0
SD1
SD2
SD3
SD4
SD5
VR
VRef
GNDA
GNDD
VDD
VEE
DSTo
CSTi
CA
F1i
C2i
DSTi
Transmit
Filter
Output
Register
Receive
Filter
Analog to
Digital PCM
Encoder
PCM Digital
to Analog
Decoder
Output
Register
Input
Register
A Register
8-Bits
B-Register
8-Bits
Control
Logic
ISSUE 10
May 1995
MT8960/61/62/63/64/65/66/67
Integrated PCM Filter Codec
ISO2-CMOS


Similar Part No. - MT8963AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8910-1AC MITEL-MT8910-1AC Datasheet
419Kb / 26P
CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8910-1AP MITEL-MT8910-1AP Datasheet
419Kb / 26P
CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8920 MITEL-MT8920 Datasheet
534Kb / 24P
ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
More results

Similar Description - MT8963AS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
PCM Codec-Filter
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
Quad PCM Codec/Filter
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
ISO2-CMOS Integrated DTMFTransceiver
logo
NEC
UPD9625L NEC-UPD9625L Datasheet
87Kb / 2P
CMOS PCM CODEC-Filter Combination
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
PCM CODEC - FILTER
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
5V PCM CODEC-FILTER
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
PCM Codec-Filter
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com