Electronic Components Datasheet Search
  English  ▼

X  

MT8963AS Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT8963AS
Description  ISO2-CMOS Integrated PCM Filter Codec
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8963AS Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT8963AS Datasheet HTML 2Page - Mitel Networks Corporation MT8963AS Datasheet HTML 3Page - Mitel Networks Corporation MT8963AS Datasheet HTML 4Page - Mitel Networks Corporation MT8963AS Datasheet HTML 5Page - Mitel Networks Corporation MT8963AS Datasheet HTML 6Page - Mitel Networks Corporation MT8963AS Datasheet HTML 7Page - Mitel Networks Corporation MT8963AS Datasheet HTML 8Page - Mitel Networks Corporation MT8963AS Datasheet HTML 9Page - Mitel Networks Corporation MT8963AS Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MT8960/61/62/63/64/65/66/67 ISO2-CMOS
6-24
Internally the codec will then perform a decode cycle
on the newly input PCM word.
The sampled and
held analog signal thus decoded will be updated 25
µs from the start of the cycle. After this the analog
input from the filter is sampled for 18 µs, after which
digital conversion takes place during the remaining
82 µs of the sampling cycle.
Since a single clock frequency of 2.048 MHz is
required, all digital data is input and output at this
rate.
DSTo, therefore, assumes a high impedance
state for all but 3.9 µs of the 125 µs frame. Similarly,
DSTi input data is valid for only 3.9 µs.
Digital Control Functions
CSTi is a digital input (levels GNDD to VDD) which is
used to control the function of the filter/codec.
It
operates in three different modes depending on the
logic levels applied to the Control Address input
(CA) and chip enable input (F1i) (see Table 1).
Mode 1
CA=-5V (VEE); CSTi=0V (GNDD)
The filter/codec is in normal operation with nominal
transmit and receive gain of 0dB. The SD outputs
are in their active states and the test modes cannot
be entered.
CA = -5V (VEE); CSTi = +5V (VDD)
A state of powerdown is forced upon the chip
whereby DSTo becomes high impedance, VR is
connected to GNDA and all analog sections have
power removed.
Mode 2
CA= -5V (VEE); CSTi receives an eight-bit control
word
CSTi accepts a serial data stream synchronously
with DSTi (i.e., it accepts an eight-bit serial word in a
3.9 µs timeslot, updated every 125 µs, and is
specified
identically
to
DSTi
for
timing
considerations).
This eight-bit control word is
entered
into
Control
Register
A
and
enables
programming of the following functions: transmit and
receive gain, powerdown, loopback.
Register B is
reset to zero and the SD outputs assume their
inactive state. Test modes cannot be entered.
Mode 3
CA=0V (GNDD); CSTi receives an eight-bit control
word
As in Mode 2, the control word enters Register A and
the aforementioned functions are controlled. In this
mode, however, Register B is not reset, thus not
affecting the states of the SD outputs.
CA=+5V (VDD); CSTi receives an 8-bit control word
In this case the control word is transferred into
Register B. Register A is unaffected. The input and
output of PCM data is inhibited.
The
contents
of
Register
B
controls
the
six
uncommitted outputs SD0-SD5 (four outputs, SD0-
SD3, on MT8960/61/64/65 versions of chip) and also
provide entry into one of the three test modes of the
chip.
Table 1. Digital Control Modes
MODE
CA
CSTi
FUNCTION
1
(Note 1)
VEE
GNDD
Normal chip operation.
VDD
Powerdown.
2VEE
Serial
Eight-bit control word into Register A. Register B is reset.
Data
3
(Note 2)
GNDD
Serial
Eight-bit control word into register A. Register B is unaffected.
Data
VDD
Serial
Eight-bit control word into register A. Register B is unaffected.
Data
Note 1:
When operating in Mode 1, there should be only one frame pulse (F1i) per 125
µs frame
Note 2:
When operating in Mode 3, PCM input and output is inhibited by CA=VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com