Electronic Components Datasheet Search
  English  ▼

X  

MT90210AL Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT90210AL
Description  Multi-Rate Parallel Access Circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90210AL Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT90210AL Datasheet HTML 17Page - Mitel Networks Corporation MT90210AL Datasheet HTML 18Page - Mitel Networks Corporation MT90210AL Datasheet HTML 19Page - Mitel Networks Corporation MT90210AL Datasheet HTML 20Page - Mitel Networks Corporation MT90210AL Datasheet HTML 21Page - Mitel Networks Corporation MT90210AL Datasheet HTML 22Page - Mitel Networks Corporation MT90210AL Datasheet HTML 23Page - Mitel Networks Corporation MT90210AL Datasheet HTML 24Page - Mitel Networks Corporation MT90210AL Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Preliminary Information
MT90210
2-165
† DC Electrical Characteristics are over recommended operating conditions unless otherwise stated.
* Typical figures are at 25
°C and are for design aid only.
AC Electrical Characteristics†
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
SCLK, C16 Period
2.048 Mb/s (4.096 MHz)
4.096 Mb/s (8.192 MHz)
8.192 Mb/s (16.384 MHz)
tclk
244
122
60
ns
ns
ns
2
SCLK, C16 Pulse Width High
2.048 Mb/s
4.096 Mb/s
8.192 Mb/s
tclkh
122
60
30
ns
ns
ns
3
SCLK, C16 Pulse Width Low
2.048 Mb/s
4.096 Mb/s
8.192 Mb/s
tclkl
122
60
30
ns
ns
ns
4
SCLK rise/fall time
tT
5ns
5
HC4 hold related to C16
tch
3ns
6
HC4 period
thclk
244
ns
7
HC4 pulse low
thclkl
122
ns
8
HC4 pulse high
thclkh
122
ns
9
Frame Pulse Setup (ST-BUS)
tfrs
0ns
10 Frame Pulse Hold (ST-BUS)
tfrh
10
ns
11 Frame pulse width in modes 1,2,3
2.048 Mb/s
4.096 Mb/s
8.192 Mb/s
tfrw
244
122
60
ns
ns
ns
12 Frame pulse width in modes 4,5
thfrw
244
ns
13 S0-23 delay from active to High-Z
2.048 Mb/s, 4.096 Mb/s, 8.192 Mb/s
taz
30
ns
RL=1K, CL=200pF
14 S0-23 delay from High-Z to active
2.048 Mb/s, 4.096 Mb/s, 8.192 Mb/s
tza
30
ns
RL=1K, CL=200pF
15 S0-23 Delay (high and low)
from CLK falling (ST-BUS mode)
2.048 Mb/s, 4.096 Mb/s, 8.192 Mb/s
tstod
30
ns
RL=1K, CL=200pF
16 S0-23 Set-up Time
before CLK rising (ST-BUS mode)
tstis
0
ns
17 S0-23 Hold Time
from CLK rising (ST-BUS mode)
tstih
10
ns
18 CKout output delay from SCLK
tdpll
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com