Electronic Components Datasheet Search
  English  ▼

X  

MT90210AL Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MT90210AL
Description  Multi-Rate Parallel Access Circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90210AL Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MT90210AL Datasheet HTML 18Page - Mitel Networks Corporation MT90210AL Datasheet HTML 19Page - Mitel Networks Corporation MT90210AL Datasheet HTML 20Page - Mitel Networks Corporation MT90210AL Datasheet HTML 21Page - Mitel Networks Corporation MT90210AL Datasheet HTML 22Page - Mitel Networks Corporation MT90210AL Datasheet HTML 23Page - Mitel Networks Corporation MT90210AL Datasheet HTML 24Page - Mitel Networks Corporation MT90210AL Datasheet HTML 25Page - Mitel Networks Corporation MT90210AL Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
MT90210
Preliminary Information
2-166
Figure 21 - PLL Timing
Figure 22 - Parallel Port Data Read Cycle
SCLK
CKout
tdpll
C16+
C16 -
(mode 3/4/5)
Y
Z
tad
tst
thd
toeh
Valid
Valid
toes
Y(rd)
tstb
Note: R/W1 output signal is HIGH and R/W2 output signal is LOW during read cycles.
X(rd)
Z(rd)
CKout
A0-A12
P0-P7
(Read/
Write)
RDin
input
(16.384 MHz,
(32.768 MHz,
OEser
input
SCLK
Strobe
or
C16+, C16-
mode 1)
mode 2/3/4/5)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com