Electronic Components Datasheet Search
  English  ▼

X  

MT9041AP Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT9041AP
Description  Multiple Output Trunk PLL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9041AP Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT9041AP Datasheet HTML 6Page - Mitel Networks Corporation MT9041AP Datasheet HTML 7Page - Mitel Networks Corporation MT9041AP Datasheet HTML 8Page - Mitel Networks Corporation MT9041AP Datasheet HTML 9Page - Mitel Networks Corporation MT9041AP Datasheet HTML 10Page - Mitel Networks Corporation MT9041AP Datasheet HTML 11Page - Mitel Networks Corporation MT9041AP Datasheet HTML 12Page - Mitel Networks Corporation MT9041AP Datasheet HTML 13Page - Mitel Networks Corporation MT9041AP Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Advance Information
MT9041
3-95
† Timing is over recommended temperature & power supply voltages
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing
Figure 7 - Master Clock Input
AC Electrical Characteristics (see Fig. 7)† - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1C
L
O
C
K
Master clock input rise time
trMCLKi
4ns
2
Master clock input fall time
tfMCLKi
4ns
3
Master clock frequency
tpMCLKi 19.99936
20
20.000640
MHz
4
Duty Cycle of the master clock
40
50
60
%
MCLKi
2.4V
1.5V
0.4V
trMCLK
tfMCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com