Electronic Components Datasheet Search
  English  ▼

X  

MT9041AP Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT9041AP
Description  Multiple Output Trunk PLL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9041AP Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT9041AP Datasheet HTML 1Page - Mitel Networks Corporation MT9041AP Datasheet HTML 2Page - Mitel Networks Corporation MT9041AP Datasheet HTML 3Page - Mitel Networks Corporation MT9041AP Datasheet HTML 4Page - Mitel Networks Corporation MT9041AP Datasheet HTML 5Page - Mitel Networks Corporation MT9041AP Datasheet HTML 6Page - Mitel Networks Corporation MT9041AP Datasheet HTML 7Page - Mitel Networks Corporation MT9041AP Datasheet HTML 8Page - Mitel Networks Corporation MT9041AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MT9041
Advance Information
3-84
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1VSS
Negative Power Supply Voltage. Nominally 0 Volts.
2,3
IC0
Internal Connection 0. Connect to VSS.
4PRI
Primary Reference Input (TTL compatible). This input (either 8 kHz, 1.544 MHz, or 2.048
MHz as controlled by the input frequency selection pins) is used as the primary reference
source for PLL synchronization.
5VDD
Positive Supply Voltage. Nominally +5 volts.
6MCLKo
Master Clock Oscillator Output. This is a CMOS buffered output used for driving a 20 MHz
crystal.
7MCLKi
Master Clock Oscillator Input. This is a CMOS input for a 20 MHz crystal or crystal
oscillator. Signals should be DC coupled to this pin.
8
FP8-GCI Frame Pulse Output (CMOS compatible). This is an 8 kHz output framing pulse that
indicates the start of the active GCI-BUS frame. The pulse width is based upon the period of
the 8.192 MHz synchronization clock.
9F0o
Frame Pulse Output (CMOS compatible). This is an 8 kHz output framing pulse that
indicates the start of the active ST-BUS frame. The pulse width is based upon the period of
the 4.096 MHz synchronization clock. This is an active low signal.
10
FP8-STB Frame Pulse Output (CMOS compatible). This is an 8 kHz output framing pulse that
indicates the start of the active ST-BUS frame. The pulse width is based upon the period of
the 8.192 MHz synchronization clock.
11
C1.5
Clock 1.544 MHz (CMOS compatible). This ouput is a 1.544 MHz (T1) output clock locked
to the reference input signal.
12
C3
Clock 3.088 MHz (CMOS compatible). This output is a 3.088 MHz output clock locked to
the reference input signal.
13
C2
Clock 2.048 MHz (CMOS compatible). This output is a 2.048 MHz (E1) output clock
locked to the reference input signal.
14
C4
Clock 4.096 MHz (CMOS compatible). This output is a 4.096 MHz output clock locked to
the reference input signal.
15
VSS
Negative Power Supply Voltage. Nominally 0 Volts.
16
C8
Clock 8.192 MHz (CMOS compatible). This output is an 8.192 MHz output clock locked to
the reference input signal.
1
6
5
43
2
7
8
9
10
11
23
19
20
21
22
24
25
26
27
28
VDD
MCLKo
MCLKi
FP8-GCI
F0o
FP8-STB
C1.5
IC0
IC1
IC0
IC0
MS
IC0
IC0
12 13 14 15 16 17 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com