Electronic Components Datasheet Search
  English  ▼

X  

MT9044 Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT9044
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044 Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT9044 Datasheet HTML 17Page - Mitel Networks Corporation MT9044 Datasheet HTML 18Page - Mitel Networks Corporation MT9044 Datasheet HTML 19Page - Mitel Networks Corporation MT9044 Datasheet HTML 20Page - Mitel Networks Corporation MT9044 Datasheet HTML 21Page - Mitel Networks Corporation MT9044 Datasheet HTML 22Page - Mitel Networks Corporation MT9044 Datasheet HTML 23Page - Mitel Networks Corporation MT9044 Datasheet HTML 24Page - Mitel Networks Corporation MT9044 Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Advance Information
MT9044
21
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
* Supply voltage and operating temperature are as per Recommended Operating Conditions.
Absolute Maximum Ratings* - Voltages are with respect to ground (V
SS) unless otherwise stated.
Parameter
Symbol
Min
Max
Units
1
Supply voltage
VDD
-0.3
7.0
V
2
Voltage on any pin
VPIN
-0.3
VDD+0.3
V
3
Current on any pin
IPIN
20
mA
4
Storage temperature
TST
-55
125
°C
5
PLCC package power dissipation
PPD
900
mW
6
MQFP package power dissipation
PPD
900
mW
Recommended Operating Conditions* - * Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Max
Units
1
Supply voltage
VDD
4.5
5.5
V
2
Operating temperature
TA
-40
85
C
DC Electrical Characteristics* - * Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Max
Units
Conditions/Notes
1
Supply current with:
OSCi = 0V
IDDS
10
mA
Outputs unloaded
2
OSCi = Clock
IDD
90
mA
Outputs unloaded
3
TTL high-level input voltage
VIH
2.0
V
4
TTL low-level input voltage
VIL
0.8
V
5
CMOS high-level input voltage
VCIH
0.7VDD
V
OSCi
6
CMOS low-level input voltage
VCIL
0.3VDD
V
OSCi
7
Schmitt high-level input voltage
VSIH
2.3
V
GTi, RST
8
Schmitt low-level input voltage
VSIL
0.8
V
GTi, RST
9
Schmitt hysteresis voltage
VHYS
0.4
V
GTi, RST
10
Input leakage current
IIL
-10
+10
uAVI=VDD or 0V
11
High-level output voltage
VOH
0.8VDD
VIOH=4mA
12
Low-level output voltage
VOL
0.2VDD
VIOL=4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com