Electronic Components Datasheet Search
  English  ▼

X  

MT9044 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT9044
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT9044 Datasheet HTML 1Page - Mitel Networks Corporation MT9044 Datasheet HTML 2Page - Mitel Networks Corporation MT9044 Datasheet HTML 3Page - Mitel Networks Corporation MT9044 Datasheet HTML 4Page - Mitel Networks Corporation MT9044 Datasheet HTML 5Page - Mitel Networks Corporation MT9044 Datasheet HTML 6Page - Mitel Networks Corporation MT9044 Datasheet HTML 7Page - Mitel Networks Corporation MT9044 Datasheet HTML 8Page - Mitel Networks Corporation MT9044 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Advance Information
MT9044
3
12
6
RSP
Receive Sync Pulse (CMOS Output). This is an 8kHz 488ns active high framing
pulse, which marks the end of an ST-BUS frame. This is typically used for
connection to the Siemens MUNICH-32 device. See Figure 21.
13
7
F0o
Frame Pulse ST-BUS 2.048Mb/s (CMOS Output). This is an 8kHz 244ns active
low framing pulse, which marks the beginning of an ST-BUS frame. This is typically
used for ST-BUS operation at 2.048Mb/s and 4.096Mb/s. See Figure 20.
14
8
TSP
Transmit Sync Pulse (CMOS Output). This is an 8kHz 488ns active high framing
pulse, which marks the beginning of an ST-BUS frame. This is typically used for
connection to the Siemens MUNICH-32 device. See Figure 21.
15
9
F8o
Frame Pulse (CMOS Output). This is an 8kHz 122ns active high framing pulse,
which marks the beginning of a frame. See Figure 20.
16
10
C1.5o
Clock 1.544MHz (CMOS Output). This output is used in T1 applications.
17
11
AVdd
Analog Vdd. +5VDC nominal.
18
12
C3o
Clock 3.088MHz (CMOS Output). This output is used in T1 applications.
19
13
C2o
Clock 2.048MHz (CMOS Output). This output is used for ST-BUS operation at
2.048Mb/s.
20
14
C4o
Clock 4.096MHz (CMOS Output). This output is used for ST-BUS operation at
2.048Mb/s and 4.096Mb/s.
21
15
C19o
Clock 19.44MHz (CMOS Output). This output is used in OC3/STS3 applications.
22
16
ACKi
Analog PLL Clock Input (CMOS Input). This input clock is a reference for an
internal analog PLL. This pin is internally pulled down to VSS.
24
18
ACKo
Analog PLL Clock Output (CMOS Output). This output clock is generated by
the internal analog PLL.
25
19
C8o
Clock 8.192MHz (CMOS Output). This output is used for ST-BUS operation at
8.192Mb/s.
26
20
C16o
Clock 16.384MHz (CMOS Output). This output is used for ST-BUS operation with
a 16.384MHz clock.
27
21
C6o
Clock 6.312 Mhz (CMOS Output). This output is used for DS2 applications.
29
23
HOLDOVER Holdover (CMOS Output). This output goes to a logic high whenever the digital
PLL goes into holdover mode.
30
24
GTi
Guard Time (Schmitt Input). This input is used by the MT9044 state machine in
both Manual and Automatic modes. The signal at this pin affects the state changes
between Primary Holdover Mode and Primary Normal Mode, and Primary
Holdover Mode and Secondary Normal Mode. The logic level at this input is gated
in by the rising edge of F8o. See Tables 4 and 5.
32
26
GTo
Guard Time (CMOS Output). The LOS1 input is gated by the rising edge of F8o,
buffered and output on GTo. This pin is typically used to drive the GTi input through
an RC circuit.
33
27
LOS2
Secondary Reference Loss (TTL Input). This input is normally connected to the
loss of signal (LOS) output signal of a Line Interface Unit (LIU). When high, the
SEC reference signal is lost or invalid. LOS2, along with the LOS1 and GTi inputs
control the MT9044 state machine when operating in Automatic Control. The logic
level at this input is gated in by the rising edge of F8o. This pin is internally pulled
down to VSS.
Pin Description (continued)
Pin #
PLCC
Pin #
MQFP
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com