Electronic Components Datasheet Search
  English  ▼

X  

LS6027 Datasheet(PDF) 7 Page - BOWIN ELECTRONIC CO.

Part # LS6027
Description  Game (Roulette) AND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6027 Datasheet(HTML) 7 Page - BOWIN ELECTRONIC CO.

  LS6027 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LSI
LS6027
7
LCD Drawing
S16 S15 S14 S13 S12 S11 S10 S9
S8
S7
S6
S5
S4
S3
S2
S1
C1:3C
3G
3E
3D
2C
2G
2E
2D
1C
1G
1E
1D
H6
M6
H9
M9
C2:3B
3A
3F
PM
2B
2A
2F
:
1B
1A
1F
0BC H5
M5
H8
M8
C3:H3
M3
H2
M10 M2
H1
M1
H12 M12 H11 M11 H10 H4
M4
H7
M7
Note: Pin out at top of the LCD
PIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
SX
C3
C2
C1
S1
S2
S3
S4
S13
S5
S6
S7
S8
S9
S10 S11 S12 S14 S15 S16
C1
/
/
C1
M9
H9
M6
H6
3D
1D
1E
1G
1C
2D
2E
2G
2C
3E
3G
3C
C2
/
C2
/
M8
H8
M5
H5
PM 0BC 1F
1A
1B
:
2F
2A
2B
3F
3A
3B
C3
C3
/
/
M7
H7
M4
H4 M10 H10 M11 H11 M12 H12 M1
H1
M2
H2
M3
H3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com