Electronic Components Datasheet Search
  English  ▼

X  

LS6027 Datasheet(PDF) 8 Page - BOWIN ELECTRONIC CO.

Part # LS6027
Description  Game (Roulette) AND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6027 Datasheet(HTML) 8 Page - BOWIN ELECTRONIC CO.

  LS6027 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LSI
LS6027
8
PIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
SX
C3
C2
C1
S1
S2
S3
S4
S13
S5
S6
S7
S17
S8
S9
S18 S10 S11 S12 S14 S19 S15 S16
C1
/
/
C1
M9
H9
M6
H6
3D
1D
1E
1G
/
1C
2D
/
2E
2G
2C
3E
/
3G
3C
C2
/
C2
/
M8
H8
M5
H5
PM 0BC 1F
1A
/
1B
:
/
2F
2A
2B
3F
/
3A
3B
C3
C3
/
/
M7
H7
M4
H4 M10 H10 M11 H11 AL M12 H12 BE
M1
H1
M2
H2
M
M3
H3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com