Electronic Components Datasheet Search
  English  ▼

X  

LS6107 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # LS6107
Description  key operation 竊숶ON, KSOUND, KSCOPE, KK1-5,.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6107 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  LS6107 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6107 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6107 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6107 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6107 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6107 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6107 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LSI
LS6107
Game
(POKER)
Version 0.1 (4.1.2001)
Feature
* 8 key operation :KON, KSOUND, KSCOPE, KK1-5,.
* 3.0V operating voltage
* Full poker game function
* Direct drive buzzer output
* 1/3duty, 1/2 bias LCD format
General Description
LS6107 is a poker game with direct driver buzzer output. LCD format is 1/2 bias 1/3
duty. Auto-power off function.
Functional Description
Functional Description
Functional Description
Functional Description
8888 key operation
key operation
key operation
key operation
LS6107 has 8 key :KON, KSCOPE, KSOUND, KK1-5.
Press KSTART to start the game.
Press KSOUND toggle sound ON/OFF。
Press KSCOPE to review previous game.
Press KK1-5 to hold/unhold the cards.


Similar Part No. - LS6107

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
LS610014 DIT-LS610014 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LS610022 DIT-LS610022 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LS610025 DIT-LS610025 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LS610026 DIT-LS610026 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
LS610044 DIT-LS610044 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
More results

Similar Description - LS6107

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
LTA065A041F TOSHIBA-LTA065A041F Datasheet
161Kb / 18P
17cm(6.5 inch) color TFT-LCD module
14-Jan-2004
logo
List of Unclassifed Man...
PSG11 ETC-PSG11 Datasheet
97Kb / 1P
RECORD 5 TUNES/KEY
logo
Estek Electronics Co. L...
ET830 ESTEK-ET830 Datasheet
448Kb / 5P
5 Amps竊?00Volts
logo
National Instruments Co...
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com