Electronic Components Datasheet Search
  English  ▼

X  

LS6107 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # LS6107
Description  key operation 竊숶ON, KSOUND, KSCOPE, KK1-5,.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6107 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  LS6107 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6107 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6107 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6107 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6107 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6107 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6107 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LSI
LS6107
Version 0.1 (08.02.2001)
2
Pin
Pin
Pin
Pin Assignment
Assignment
Assignment
Assignment
DESIGNATION
TYPE
DESCRIPTION
B0, B1
OUTPUT
Buzzer output
VC1, VC2
OUTPUT
Halfer output
VEE
OUTPUT
Halfer voltage
T1, T2
INPUT
TEST pin
OO
OUTPUT
RC oscillator output
OI
INPUT
RC oscillator input
OI15P
INPUT
RC oscillator input, with input capacitor (10-15pf)
VDD
POWER
+3.0V power supply
GND
POWER
Ground
KON, KSOUND,
KSCOPE
KK1,KK2,KK3,KK4,KK5
INPUT(PH)
Input key
PB
INPUT(PH)
Power up reset
C[1:3]
OUTPUT
LCD Common output
S[1:28]
OUTPUT
LCD Segment output
Note: (PH) - pull high;
DC Characteristic
(GND = 0V, Vdd = 3.0V, Ta = 25°°°°C )
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
Vdd
2.4
3.0
3.6
V
Operating current
Idd
-
20
50
µA
No load
Oscillator Frequency
Fosc
25k
-
40k
Hz
Vdd=3.0
Buzzer output current
Ib
500
-
-
µA
Vbd-Vss=0.5
LCD frequency
Flcd
-
64
-
Hz
Segment current
Is
0.15
-
-
µA
Vseg=0.2V
Common current
Ic
3.0
-
-
µA
Vcom=0.2V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com