Electronic Components Datasheet Search
  English  ▼

X  

LS6108 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # LS6108
Description  Japanese/Chinese Character LCD Watch with EL Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6108 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  LS6108 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 9Page - BOWIN ELECTRONIC CO. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LSI
LS6108
Japanese/Chinese Character LCD Watch with EL Driver
Version 0.1(10.11.00)
Features
* 5 Function Real time clock.
Hour, Minute, Second, Date, Weekday
* Alarm and chime.
* 12/24Hour format user select.
* 4 year calendar.
* 3 keys operation, KSET, KMODE, KADJ.
* 1/100 second stop watch.
* EL Driver built in
* 1/2 bias 1/3 duty LCD format
* Very low power consumption
* 32768 Crystal oscillator
* Single 3.0V operation.
* Direct buzzer driver.
General Description
The LS6108 is a LCD watch which display Hour:Minute Second, Date and Weekday. 12/24Hour
display format user select. Hourly chime function. Alarm function. 1/100 second stop watch counter.
It is simple three keys operation : KSET, KMODE, KADJ. Built-in EL driver. It has low power
consumption.
LCD Drawing


Similar Part No. - LS6108

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
LS610868 DIT-LS610868 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
More results

Similar Description - LS6108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5700 PHILIPS-SAA5700 Datasheet
139Kb / 24P
Chinese Character System Teletext CCST decoder
1997 May 16
logo
Sanyo Semicon Device
LC5645N SANYO-LC5645N Datasheet
201Kb / 10P
LCD Digital Watch
LC7584N SANYO-LC7584N Datasheet
415Kb / 23P
LCD DRIVER with CHARACTER GENERATOR
logo
RAIO Technology Inc.
RA8816 RAIO-RA8816 Datasheet
857Kb / 68P
144x65 Character/Graphic LCD Driver Specification
logo
New Japan Radio
NJU6645 NJRC-NJU6645 Datasheet
1Mb / 112P
16-CHARACTER 6-LINE LCD DRIVER with JAPANESE KANJI ROM
logo
Sitronix Technology Co....
ST7920 SITRONIX-ST7920 Datasheet
694Kb / 49P
Chinese Fonts built in LCD controller/driver
logo
RAIO Technology Inc.
RA8816N RAIO-RA8816N Datasheet
135Kb / 8P
144x65 Character Graphic LCD Driver Specification
logo
BOWIN ELECTRONIC CO.
LS6102V06 BOWIN-LS6102V06 Datasheet
98Kb / 7P
10 Digit LCD Watch with EL Driver
LS6103 BOWIN-LS6103 Datasheet
85Kb / 7P
12 Digit LCD Watch with EL Driver
LS6105B BOWIN-LS6105B Datasheet
121Kb / 12P
Chinese Character LCD Watch with EL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com