Electronic Components Datasheet Search
  English  ▼

X  

LS6108 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # LS6108
Description  Japanese/Chinese Character LCD Watch with EL Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6108 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  LS6108 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 9Page - BOWIN ELECTRONIC CO. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LSI
LS6108
Version 0.1 (11.11.00)
2
Operation Modes
The LS6108 has 4 modes – Clock, Alarm, Chronograph and Time Set Mode.
By pressing KMODE, it is shift from one mode to another as follow :
Time Mode => Alarm Mode => Chronograph Mode=> Time Set Mode => Time Mode….
Time Mode
In Time Mode , the LS6108 display the current time information, Day, Hour, Minute, Second and
Weekday.
It also display the ON/OFF status of Alarm and Chime and 12Hr/24Hr format.
In Time Mode, press KADJ to toggle between 12HR and 24Hr display format.
Time Set Mode
In Time Mode, press KMODE 3 times to go to Time Set Mode.
On entering Time Set Mode, the second digits flash..
In Time Set Mode, press KSET to select the setting item with the sequence as follow :
Second => Hour => Minute => Month => Day => Weekday.
In Time Set Mode, press KADJ to adjust the value. Press and hold KADJ will cause rapid increment.
In Time Set Mode, press KMODE to exit setting mode.
Alarm Mode
In Time Mode, press KMODE to go to Alarm Mode.
In Alarm Mode, press KADJ to enable/disable Alarm and Chime which follows the sequence :
Alarm off
Alarm on
Alarm on
Alarm off
Alarm off
Chime off => Chime off => Chime on => Chime on => Chime off …….
In Alarm Mode, press KSET to set Alarm Hour, the Alarm will be set to ON, press KADJ to set value.
Press KSET to set Alarm Minute, press KADJ to set value.
Press KSET again exit Alarm Setting.
Press KMODE exit Alarm Mode.
Chronograph Mode
In Time Mode, press KMODE 2 times to go to Chronograph Mode. The sport timer counts up to 99
minutes 59.99 second with 1/100 second and Lap time function.
It is operated as follows:
Press KADJ to start/stop the timer.
If the timer is started, press KSET to have the Lap time.
If the timer is stopped, press KSET to reset the timer to 00:00 00.
EL Output
The EL driver output is controlled by KEL.
When KEL is connected to VDD, the EL driver is
enabled.
The EL pump frequency is 32kHz (1/2 duty cycle) at 512hz(1/2 duty cycle).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com